Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 142 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 142 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 138Page - LSI Computer Systems 8101 Datasheet HTML 139Page - LSI Computer Systems 8101 Datasheet HTML 140Page - LSI Computer Systems 8101 Datasheet HTML 141Page - LSI Computer Systems 8101 Datasheet HTML 142Page - LSI Computer Systems 8101 Datasheet HTML 143Page - LSI Computer Systems 8101 Datasheet HTML 144Page - LSI Computer Systems 8101 Datasheet HTML 145Page - LSI Computer Systems 8101 Datasheet HTML 146Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 172 page
background image
5-16
Application Information
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
5.8 TX Packet and Octet Counters
The controller counter set includes packet and octet counters for the
transmit and receive packets. The RMON specifications state that packet
and octet counters should only tabulate received information. This is
sometimes interpreted to mean both transmitted and received
information, because Ethernet was originally a shared media protocol. As
such, the tables above only point to receive packet and octet counters,
but the transmit packet and octet counters are also available in counters
17 through 26 and can be summed with the receive packet and octet
counts if desired.
5.9 Power Supply Decoupling
There are 23 VCCs (VCC[22:0]) and 31 GNDs (GND[30:0]) on the
controller. All GNDs should also be connected to a large ground plane.
If the GNDs vary in potential by even a small amount, noise and latch up
can result. The GNDs should be kept to within 50 mV of each other.
Some of the VCC pins on the controller go to the internal core logic, and
the remaining VCCs go to the I/O buffers. The core and I/O VCCs should
be isolated from each other to minimize jitter on the 10-bit PHY interface.
It is recommended that all of the I/O VCCs be directly connected to a
large VCC plane. It is also recommended that the core VCCs (pins 70,
aUnsupportedOpcodesReceived
51
0b11100100
0b11100101
aPauseMACCtrlFramesTransmitted
52
0b11100110
0b11100111
aPauseMACCtrlFramesReceived
53
0b11101000
0b11101001
Table 5.8
MIB Objects vs. Counter Location For Ethernet MIB
(IEEE 802.3z, Clause 30) (Cont.)
Counter Location
MIB Objects
Counter
#
Register Address
(Low/High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com