Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 145 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 145 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 141Page - LSI Computer Systems 8101 Datasheet HTML 142Page - LSI Computer Systems 8101 Datasheet HTML 143Page - LSI Computer Systems 8101 Datasheet HTML 144Page - LSI Computer Systems 8101 Datasheet HTML 145Page - LSI Computer Systems 8101 Datasheet HTML 146Page - LSI Computer Systems 8101 Datasheet HTML 147Page - LSI Computer Systems 8101 Datasheet HTML 148Page - LSI Computer Systems 8101 Datasheet HTML 149Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 172 page
background image
8101/8104 Gigabit Ethernet Controller
6-1
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Chapter 6
Specifications
This Chapter describes the specifications of the 8101/8104 Gigabit
Ethernet Controller and consists of the following Sections:
• Section 6.1, “Absolute Maximum Ratings”
• Section 6.2, “DC Electrical Characteristics”
• Section 6.3, “AC Electrical Characteristics”
• Section 6.4, “8101/8104 Pinouts and Pin Listings”
• Section Figure 6.13, “8104 208-Pin BGA Pinout”
• Section 6.5, “Package Mechanical Dimensions”
6.1 Absolute Maximum Ratings
Absolute maximum ratings are limits, which when exceeded may cause
permanent damage to the device or affect device reliability. All voltages
are specified with respect to GND, unless otherwise specified.
VCC supply voltage
−0.3 V to 4.0 V
All inputs and outputs
−0.3 V to 5.5 V
Package power dissipation
2.2 Watt @ 70
°C
Storage temperature
−65 to +150 °C
Temperature under bias
−10 to +85 °C
Lead temperature (soldering, 10 sec)
260
°C
Body temperature (soldering, 30 sec)
220
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com