Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9213 Datasheet HTML 29Page - Analog Devices AD9213 Datasheet HTML 30Page - Analog Devices AD9213 Datasheet HTML 31Page - Analog Devices AD9213 Datasheet HTML 32Page - Analog Devices AD9213 Datasheet HTML 33Page - Analog Devices AD9213 Datasheet HTML 34Page - Analog Devices AD9213 Datasheet HTML 35Page - Analog Devices AD9213 Datasheet HTML 36Page - Analog Devices AD9213 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 33 of 110
TMU
The AD9213 contains a TMU that functions as a digital
thermometer. The TMU is comprised of five sensors placed at
different chip locations. The on-die temperature value is
measured and digitized through an ADC.
At any given time, the value from the sensor with the highest
temperature is stored in Register 0x1609, Bits[7:0] and
Register 0x160A, Bits[7:0]. These values combine to give a
16-bit maximum temperature word. Similarly, the value from
the sensor with the lowest temperature is stored in
Register 0x160D, Bits[7:0] and Register 0x160E, Bits[7:0], and
these values combine to give a 16-bit minimum temperature
word.
The nine MSBs of each 16-bit temperature word are the integer
portion of the die temperature in twos complement. The seven
LSBs represent the fractional portion of the temperature, that is,
the digits to the right of the decimal place. For example, the
most significant of the seven LSBs represents 2−1 and the next
bit to the right is 2−2.
The following procedure is an example of obtaining the value of
the sensor that produces the highest temperature reading. The
procedure to reading the minimum temperature is the same as the
procedure to read the maximum temperature, but with different
register addresses, depending on which temperature level is
read.
To obtain the maximum temperature, read Register 0x1609
(maximum temperature word containing the eight LSBs) and
Register 0x160A (maximum temperature word containing the
eight MSBs).
For example,
1. Register 0x1609 = 0x76 = 01110110b.
2. Register 0x160A = 0x2C = 00101100b.
3. Concatenate the MSBs to the LSBs to give a 16-bit word:
Register 0x2C76 = 0010110001110110b.
4. The nine MSBs of this word represent the twos
complement integer value of the temperature in degrees
Celsius:
001011000 (twos complement) = 88 (decimal).
5. The seven LSBs of the 16-bit word are the fractional
portion where the most significant (left most) bit value is
2−1, the next is 2−2, and so on. Using this convention,
1110110 = 0.92188 (decimal).
Therefore, the die temperature reported by the highest reading
sensor is 88°C + 0.92188°C = 88.92188°C. The accuracy of the
TMU is typically ±2°C, and the fractional portion of the
temperature value has limited significance.
Table 9. TMU Register Summary
Address
Register Name
Bits Description
Reset Access
0x1609
MAX_TEMPERATURE_LSB [7:0] Bits[7:0] of maximum temperature of all temperature sensors. Q9.7 format.
0x0
R
0x160A
MAX_TEMPERATURE_MSB [7:0] Bits[15:8] of maximum temperature of all temperature sensors. Q9.7 format. 0x0
R
0x160D
MIN_TEMPERATURE_LSB
[7:0] Bits[7:0] of minimum temperature of all temperature sensors. Q9.7 format.
0x0
R
0x160E
MIN_TEMPERATURE_MSB [7:0] Bits[15:8] of minimum temperature of all temperature sensors. Q9.7 format.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com