Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9213 Datasheet HTML 8Page - Analog Devices AD9213 Datasheet HTML 9Page - Analog Devices AD9213 Datasheet HTML 10Page - Analog Devices AD9213 Datasheet HTML 11Page - Analog Devices AD9213 Datasheet HTML 12Page - Analog Devices AD9213 Datasheet HTML 13Page - Analog Devices AD9213 Datasheet HTML 14Page - Analog Devices AD9213 Datasheet HTML 15Page - Analog Devices AD9213 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 12 of 110
Pin No.
Ball Mnemonic
Ball Type
Signal Type
Description
D3, E3, E10, E11,
F3, J12, K12,
L12, N14, P12,
P13
RES_DNC
Not applicable
Not applicable
Reserved. Do not connect.
D4, D5, D10, D11
JVTT
Supply
Not applicable
JESD204B Output Driver Termination Voltage, 1 V
Supply.
D6 to D9
JVDD
Supply
Not applicable
JESD204B Digital Circuitry Supply, 1 V Supply.
D12
JVDD2
Supply
Not applicable
2 V Supply for JESD204B.
D13, D14
SERDOUT_P[9], SERDOUT_N[9]
Output
JESD204B
Lane 9 Differential Pair.
E4
TIE_LOW
Input
CMOS
Internal Use Only. Connect to ground.
E5 to E9, F4 to F6,
F9, F10
DGND
Ground
Not applicable
Digital Ground.
E12, F2
SVDD2
Supply
Not applicable
2 V Supply for Digital Input/Output and SPI.
F1, G1
SYNCINB_P, SYNCINB_N
Input
Not applicable
JESD204B Synchronization. When low, the JESD204B
interface handshakes with the receiver. This pin goes
high when handshake is complete.
F7, F8, G5 to G10
DVDD
Supply
Not applicable
1 V Supply for Digital Core.
F11, G13
AVSSFS8
Ground
Not applicable
Ground for AVSSFS8 Supply Domain. Connect to
ground.
F12
SCLK
Input
Not applicable
Main SPI Clock Pin.
F13
CSB
Input
Not applicable
Chip Select Pin for SPI.
F14, G14
SYSREF_N, SYSREF_P
Input/output
LVDS/CML
Differential Synchronization Signal. Critical timing
relative to CLK_x. This pin is placed near CLK_x inputs
and establishes deterministic latency. This pin is
internally tied to ground through 50 Ω in default
configuration and can be left floating if set to
Subclass 0 mode via Register 0x525.
G2
TMU_REFP
Input
Static
TMU Reference Supply. Connect this pin to a clean,
1.8 V reference supply on the board that is
≤TMU_AVDD2.
G3, H3
TDN, TDP
Static
Temperature Diode Cathode/Anode. This pin can be
left floating if unused.
G4
TMU_DVDD1
Supply
Not applicable
Temperature Measurement Unit (TMU) Digital
Domain Supply.
G11
AVDDFS8
Supply
Not applicable
1 V Supply for Clocks with fS/8 Energy.
G12
SDIO
Input/output
Not applicable
Main SPI Input/Output Pin.
H1
FD
Output
CMOS
Fast Detect Pin.
H2
TMU_REFN
Input
Static
TMU Reference Supply. Connect to clean ground on
board.
H4, H11
VSS_MOAT
Ground
Not applicable
Ground for Isolation Guard Ring. Connect to ground.
H5 to H10, J14, K2
to K11, L6 to
L11, M6, M9,
M13, M14, N4,
N6, N9, N12,
N13, P1, P6, P9,
P11, P14
AGND
Ground
Not applicable
Ground for ADC.
H12, J3 to J11, J13
AVDD
Supply
Analog Core 1 V Supply for ADC.
H13, H14
TRIG_P, TRIG_N
Input
LVDS
Trigger Input for Frequency Hopping. This pin is
internally tied to ground through 50 Ω in default
configuration and can be left floating if disabled by
default with Register 0x602.
J1, J2
VDD_NVG
Supply
1 V supply for onboard Negative Voltage Generator
(NVG).
K1
VNEG_OUT
Output
Internally Generated −1 V Output.
K13, L13
CLKVDD_LF
Supply
1 V Supply for Clock Buffer.
K14, L14
CLK_N, CLK_P
Input
RF
Clock Inputs, High Frequency.
L1, L2
VSS_NVG
Ground
Supply Voltage (VSS) for NVG.
L3
TMU_AVDD2
Supply
TMU 2 V Analog Supply.
L4
RVDD2
Supply
TOP_REF 2 V Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com