Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9213 Datasheet HTML 26Page - Analog Devices AD9213 Datasheet HTML 27Page - Analog Devices AD9213 Datasheet HTML 28Page - Analog Devices AD9213 Datasheet HTML 29Page - Analog Devices AD9213 Datasheet HTML 30Page - Analog Devices AD9213 Datasheet HTML 31Page - Analog Devices AD9213 Datasheet HTML 32Page - Analog Devices AD9213 Datasheet HTML 33Page - Analog Devices AD9213 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 30 of 110
THEORY OF OPERATION
The AD9213 is a single ADC with 16 JESD204B output lane
pairs. The ADC is designed to sample wide bandwidth analog
signals of up to 6.5 GHz. The AD9213 is optimized for wide input
bandwidth, high sampling rate, excellent linearity, and low
power in a small package.
The ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. The
AD9213 analog input features wide input bandwidth that
supports a variety of input ranges. An integrated voltage
reference eases design considerations.
A programmable threshold detector allows monitoring of the
signal power in the digital backend of the ADC. If the signal
level exceeds the programmable threshold, the FD indicator
goes high. Because this threshold indicator has low latency, the
user can quickly turn down the system gain to avoid an
overrange condition at the ADC input.
The Subclass 1 JESD204B-based high speed serialized output data
lanes can be configured to multiple configurations, depending
on the sample rate and the decimation ratio. Multiple device
synchronization is supported through the SYSREF_x and
SYNCINB_x input pins.
ADC ARCHITECTURE
The architecture of the AD9213 consists of an input buffered,
pipelined ADC. The input buffer is designed to provide a
termination impedance to the analog input signal of 50 Ω. The
equivalent circuit diagram of the analog input termination is
shown in Figure 77. The input buffer is optimized for high
linearity, low noise, and low power.
The quantized outputs from each stage are combined into a
final 12-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate with a new input
sample. Simultaneously, the remaining stages operate with the
preceding samples. Sampling occurs on the rising edge of the clock.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9213 is a differential buffer. The
internal common-mode voltage of the buffer is AVDD/2
(nominally 0.5 V). The clock signal alternately switches the
input circuit between sample mode and hold mode.
At radio frequencies, care must be taken when designing the
network between the signal source and the AD9213 inputs.
Additional loading affects bandwidth and possibly signal
integrity. For more information, refer to the Analog Dialogue
article Transformer-Coupled Front-End for Wideband A/D
Converters (Volume 39, April 2005). In general, the specific
configuration and component values depend on the application.
For best dynamic performance, the source impedances driving
VIN_P and VIN_N must be matched such that common-mode
settling errors are symmetrical. These errors are reduced by the
common-mode rejection of the ADC. An internal reference
buffer creates a differential reference that defines the span of the
ADC core.
Differential Input Configurations
There are several ways to drive the AD9213, either actively or
passively. However, optimal performance is achieved by driving
the analog input differentially.
For applications where SNR and SFDR are key parameters,
differential transformer coupling is the recommended input
configuration, because the noise performance of most amplifiers
is not adequate to achieve the true performance of the AD9213.
For low to midrange frequencies, a double balun or double trans-
former network is recommended for optimal performance of
the AD9213. For higher frequencies, remove some of the front-
end passive components to ensure wideband operation.
Input Common Mode
The analog inputs of the AD9213 are internally biased to the
common mode (0.50 V) by default.
In dc-coupled applications, the VCM of the signal source must be
biased to 0.50 V to ensure proper ADC operation. For these
applications, the internal biasing of the input buffer must be
disabled, and the dc offset nulling must also be disabled.
The following is pseudo code for the register writes to configure
the input buffer for dc coupling.
For dc coupling, without using the VCM output pin, make the
following writes: Register 0x1617 = 0x01, dc coupling mode,
nulling disabled, and Register 0x151A = 0x00, internal biasing
disabled, VCM output disabled.
For DC coupling, with the VCM output pin enabled, make the
following writes: Register 0x1617 = 0x01, dc coupling mode,
nulling disabled, and Register 0x151A = 0x02, internal biasing
disabled, VCM output enabled (for providing VCM level to a
driver amplifier).
The VCM output can be used to set the VCM of an amplifier
driving AD9213. The VCM output buffer has a series output
resistance of 100 Ω. A load on the VCM pin reduces the output
voltage, which must be accounted for when loading the VCM
output. The VCM output is not intended to drive high fanout,
multiple load applications.
See Figure 22 and Figure 54 for information regarding variation
in typical performance with respect to the VCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com