Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9213 Datasheet HTML 93Page - Analog Devices AD9213 Datasheet HTML 94Page - Analog Devices AD9213 Datasheet HTML 95Page - Analog Devices AD9213 Datasheet HTML 96Page - Analog Devices AD9213 Datasheet HTML 97Page - Analog Devices AD9213 Datasheet HTML 98Page - Analog Devices AD9213 Datasheet HTML 99Page - Analog Devices AD9213 Datasheet HTML 100Page - Analog Devices AD9213 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 97 of 110
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
11 Test mode. Input samples are forced to
+0.999… (positive full scale). The NCO is
enabled, and this test mode allows the
NCOs to directly drive the decimation filters
and is useful when evaluating the perfor-
mance of the NCOs and decimation filters.
1
DDC0_GAIN
Gain Selection. Note that gain can be used
to compensate for the 6 dB loss associated
with mixing an input signal down to
baseband and filtering out its negative
component.
0x0
R/W
00 dB gain.
1 6 dB gain (multiply by 2).
0
Reserved
Reserved.
0x0
R
0x631
DDC_DEC_CTRL
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
DDC0_DEC_SEL
Decimation Ratio Selection.
0x0
R/W
0 Decimate by 2.
1 Decimate by 4.
2 Decimate by 8.
3 Decimate by 16.
4 Decimate by 32.
5 Decimate by 64.
6 Decimate by 128.
7 Reserved.
8 Decimate by 6.
9 Decimate by 12.
10 Decimate by 24.
11 Decimate by 48.
12 Decimate by 96.
13 Reserved.
14 Reserved.
15 Reserved.
0x632
DDC_NCO_CTRL
[7:4]
DDC0_NCO_CHAN_SEL_
MODE
NCO Channel Selection Mode. Note that for
edge control/frequency hop timer (FHT)-
based control, the internal counter wraps
when the DDC_NCO_REGMAP_CHAN_SEL
value is reached.
0x0
R/W
0000 Register map control (use DDC_NCO_
REGMAP_CHAN_SEL).
0001 PROFILE_PINS[0] used. Pin level control
(3'b0, PROFILE_PINS[0]).
0010 PROFILE_PINS[1:0] used. Pin level control
(2'b0, PROFILE_PINS[1:0]).
0011 PROFILE_PINS[2:0] are used. Pin level
control (1'b0, PROFILE_PINS[2:0]).
0100 PROFILE_PINS[3:0] are used. Pin level
control (PROFILE_PINS[3:0]).
0101 to
0111
Reserved
1000 PROFILE_PINS[0]. Pin edge control,
increments internal counter when rising
edge of PROFILE_PINS[0].
1100 FHT expire based control. Increment
internal counter when FHT is expired.
1101 to
1111
Reserved
[3:0]
DDC0_NCO_REGMAP_
CHAN_SEL
NCO Channel Select Register Map Control.
0x0
R/W
0000 Select NCO Channel 0.
0001 Select NCO Channel 1.
0010 Select NCO Channel 2.
0011 Select NCO Channel 3.
0100 Select NCO Channel 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com