Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 78 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9213 Datasheet HTML 74Page - Analog Devices AD9213 Datasheet HTML 75Page - Analog Devices AD9213 Datasheet HTML 76Page - Analog Devices AD9213 Datasheet HTML 77Page - Analog Devices AD9213 Datasheet HTML 78Page - Analog Devices AD9213 Datasheet HTML 79Page - Analog Devices AD9213 Datasheet HTML 80Page - Analog Devices AD9213 Datasheet HTML 81Page - Analog Devices AD9213 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 78 of 110
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
4
JTX_SYNC_PIN_TYPE
JESD204B Serial SYNCINB_x Logic Type.
0x1
R/W
0 SYNCINB_x pin type. CMOS, single-ended
SYNCINB_x input. SYNCINB_P used.
Requires user to set Register 0x508, Bit 5.
1 SYNCINB_x pin type. LVDS differential pair
SYNCINB_x input. Requires 100 Ω, external
differential termination.
3
Reserved
Reserved.
0x0
R
2
JTX_8B10B_BYPASS
JESD204B Serial 8-Bit/10-Bit Bypass (Test
Mode Only).
0x0
R/W
0 8-bit/10-bit enabled.
1 8-bit/10-bit bypassed (two most significant
bits are 0).
1
JTX_10B_INV
JESD204B 10b Serial Transmit Bit Invert.
0x0
R/W
0Normal.
1 Invert a, b, c, d, e, f, g, h, i, and j symbols.
0
JTX_10B_MIRROR
JESD204B 10-Bit Serial Transmit Bit Mirror.
0x0
R/W
0x505
JTX_LINK_CTRL3
[7:6]
JTX_CHKSUM_MODE
JESD204B Checksum Mode.
0x0
R/W
00 Checksum is the sum of all 8-bit registers in
the link configuration table.
01 Checksum is the sum of all individual link
configuration fields (LSB aligned).
10 Checksum is disabled (set to zero). For test
purposes only.
11 Unused.
[5:4]
JTX_TEST_GEN_SEL
JESD204B Serial Test Generation Input
Selection.
0x0
R/W
00 N' sample input.
01 10-bit data at 8-bit/10-bit output (for PHY
testing).
10 8-bit data at scrambler input.
[3:0]
JTX_TEST_GEN_MODE
JESD204B Serial Test Generation Mode.
0x0
R/W
0000 Normal operation (test mode disabled).
0001 Alternating checker board.
0010 1/0 word toggle.
0011 31-bit PN sequence: x31 + x28 + 1.
0100 23-bit PN sequence: x23 + x18 + 1.
0101 15-bit PN sequence: x15 + x14 + 1.
0110 9-bit PN sequence: x9 + x5 + 1.
0111 7-bit sequence: x7 + x6 + 1.
1000 Ramp output.
1110 Continuous/repeat user test.
1111 Single use test.
0x506
JTX_LINK_CTRL4
[7:4]
JTX_ILAS_DELAY
Initial Lane Alignment Delay.
0x0
R/W
0000 Transmit ILAS on first LMFC after SYNCINB_x
is deasserted.
0001 Transmit ILAS on second LMFC after
SYNCINB_x is deasserted.
0010 Transmit ILAS on third LMFC after
SYNCINB_x is deasserted.
0011 Transmit ILAS on fourth LMFC after
SYNCINB_x is deasserted.
0100 Transmit ILAS on fifth LMFC after
SYNCINB_x is deasserted.
0101 Transmit ILAS on sixth LMFC after
SYNCINB_x is deasserted.
0110 Transmit ILAS on seven LMFC after
SYNCINB_x is deasserted.
0111 Transmit ILAS on eighth LMFC after
SYNCINB_x is deasserted.
1000 Transmit ILAS on ninth LMFC after
SYNCINB_x is deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com