Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9213 Datasheet HTML 70Page - Analog Devices AD9213 Datasheet HTML 71Page - Analog Devices AD9213 Datasheet HTML 72Page - Analog Devices AD9213 Datasheet HTML 73Page - Analog Devices AD9213 Datasheet HTML 74Page - Analog Devices AD9213 Datasheet HTML 75Page - Analog Devices AD9213 Datasheet HTML 76Page - Analog Devices AD9213 Datasheet HTML 77Page - Analog Devices AD9213 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 74 of 110
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLES
Table 36 documents the default hexadecimal value for each
hexadecimal address shown. All address locations that are not
included in Table 36 are not currently supported for this device
and should not be written.
Open and Reserved Locations
All address and bit locations that are not included in Table 36
are not currently supported for this device. Write unused bits of
a valid address location with 0s unless the default value is set
otherwise. Writing to these locations is required only when part
of an address location is unassigned. If the entire address location is
open, do not write to this address location.
Default Values
After the AD9213 is reset, critical registers are loaded with
default values. The default values for the registers are given in
Table 36.
Logic Levels
An explanation of logic level terminology follows:
Bit is set is synonymous with bit is set to Logic 1 or writing
Logic 1 for the bit.
Clear a bit is synonymous with bit is set to Logic 0 or
writing Logic 0 for the bit.
X denotes a don’t care bit.
SPI Soft Reset
After issuing a soft reset by programming Register 0x000, the
AD9213 requires 300 ms to recover. When programming the
AD9213 for application setup, ensure that an adequate delay is
programmed into the firmware after asserting the soft reset and
before starting the device setup.
Table 36. Register Map
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
0x0
SPI_CONFIG_A
7
SOFT_RESET_1
Initiates a Reset Equivalent to a Hard Reset.
0x0
R/W
0Do nothing.
1 Reset the SPI and registers (self clearing).
6
LSB_FIRST_1
LSB/MSB Bit Shift First.
0x0
R/W
0 Most significant bit shifted first.
1 Least significant bit shifted first.
5
ADDR_ASCENSION_1
Multibyte SPI Operations Address
Increment.
0x1
R/W
0Autodecrement.
1 Autoincrement.
[4:3]
Reserved
Reserved.
0x0
R
2
ADDR_ASCENSION_0
Multibyte SPI Operations Address
Increment.
0x1
R/W
0Autodecrement.
1 Autoincrement.
1
LSB_FIRST_0
LSB/MSB Bit Shift First.
0x0
R/W
0 Most significant bit shifted first.
1 Least significant bit shifted first.
0
SOFT_RESET_0
Initiates a Reset Equivalent to a Hard Reset.
0x0
R/W
0Do nothing.
1 Reset the SPI and registers (self clearing).
0x2
DEVICE_CONFIG
[7:2]
Reserved
Reserved.
0x3C
R
[1:0]
OP_MODE
Operating Mode.
0x0
R/W
00 Normal operation.
10 Standby mode.
11 Power-down mode.
0x3
CHIP_TYPE
[7:0]
CHIP_TYPE
High Speed ADCs.
0x3
R
0x4
CHIP_ID_LSB
[7:0]
CHIP_ID[7:0]
Chip ID.
0xE5
R
0x5
CHIP_ID_MSB
[7:0]
CHIP_ID[15:8]
Chip ID.
0x0
R
0xA
CHIP_SCRATCH
[7:0]
CHIP_SCRATCH
Chip Scratch Pad Register.
0x0
R/W
0xC
VENDOR_ID_LSB
[7:0]
CHIP_VENDOR_ID[7:0]
Vendor ID.
0x56
R
0xD
VENDOR_ID_MSB
[7:0]
CHIP_VENDOR_
ID[15:8]
Vendor ID.
0x4
R
0x26
GEN_CTRL
[7:4]
Reserved
Reserved.
0x0
R
3
CLK_SWITCH
Clock Ready (Self Clearing).
0x0
R/W
[2:0]
Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com