Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9213 Datasheet HTML 37Page - Analog Devices AD9213 Datasheet HTML 38Page - Analog Devices AD9213 Datasheet HTML 39Page - Analog Devices AD9213 Datasheet HTML 40Page - Analog Devices AD9213 Datasheet HTML 41Page - Analog Devices AD9213 Datasheet HTML 42Page - Analog Devices AD9213 Datasheet HTML 43Page - Analog Devices AD9213 Datasheet HTML 44Page - Analog Devices AD9213 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 41 of 110
GPIO Level Control Mode
The GPIO[x] pins determine the exact NCO channel selected.
The following procedure must be followed to use GPIO level
control for NCO channel selection:
1.
Configure one or more GPIO[x] pins as an NCO channel
selection input. GPIO[x] pins that are not configured as
NCO channel selection are internally tied low.
a.
To use the GPIO[x] pin(s), write to Register 0x1606,
Bits[3:0] to select the corresponding GPIO profile.
2.
Configure the NCO channel selector in GPIO level control
mode by setting Register 0x632, Bits[7:4] to 0x1 through
0x5, depending on the desired GPIO[x] pin ordering.
3.
Select the desired NCO channel via the GPIO[x] pins.
GPIO Edge Control Mode
Low to high transition on the GPIO[x] pin determines the exact
NCO channel selected. The internal channel selection counter
is reset by either SYSREF_x signal or the DDC soft reset.
The following procedure must be followed to use GPIO edge
control for NCO channel selection:
1.
Configure one or more GPIO[x] pins as NCO channel
selection inputs.
a.
To use the GPIO[x] pin(s), write to Register 0x1606,
Bits[3:0] to select the corresponding GPIO profile.
2.
Configure the NCO channel selector in GPIO edge control
mode by setting Bits[7:4] in the NCO control register
(Register 0x632 to 0x8 through 0xB, depending on the
desired GPIO[x] pin.
3.
Configure the wrap point for the NCO channel selection
by setting Bits[3:0] in Register 0x632. A value of 4 causes
the channel selection to wrap at Channel 4 (0, 1, 2, 3, 4, 0,
1, 2, 3, 4, and so on).
4.
Transition the selected GPIO[x] pin from low to high to
increment the NCO channel selection.
Profile Select Timer Mode
A 32-bit profile select timer (PST) determines the exact NCO
channel selected. The channel selection counter is reset by DDC
soft reset.
The following procedure must be followed to use profile select
timer control for NCO channel selection.
1.
Configure the NCO channel selector in profile select timer
mode by setting Bits[7:4] in Register 0x632 to 0xC.
2.
Configure the profile select timer by setting Register 0x65F
through Register 0x664. The unit of the profile select timer
is encode clock.
3.
Configure the wrap point for the NCO channel selection
by setting Bits[3:0] in Register 0x632. A value of 4 causes
the channel selection to wrap at Channel 4 (0, 1, 2, 3, 4, 0,
1, 2, 3, 4, and so on).
4.
The profile select timer specifies the number of sample
clock cycles between frequency hops. The NCO channel
increments when the profile select timer expires.
Register Map Mode
NCO channel selection is controlled directly through the
register map.
fS/2
DC
B1
NCO CHANNEL 0
CARRIER FREQUENCY 0
(ACTIVE)
NCO CHANNEL 1
CARRIER FREQUENCY 1
(STANDBY)
NCO CHANNEL 2
CARRIER FREQUENCY 2
(STANDBY)
B2
B0
f0
f1
f2
ACTIVE
DDC
Figure 97. NCO Coherent Mode with Three NCO Channels (B0 Selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com