Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9213 Datasheet HTML 14Page - Analog Devices AD9213 Datasheet HTML 15Page - Analog Devices AD9213 Datasheet HTML 16Page - Analog Devices AD9213 Datasheet HTML 17Page - Analog Devices AD9213 Datasheet HTML 18Page - Analog Devices AD9213 Datasheet HTML 19Page - Analog Devices AD9213 Datasheet HTML 20Page - Analog Devices AD9213 Datasheet HTML 21Page - Analog Devices AD9213 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 18 of 110
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
2.0
1.5
2.5
FREQUENCY (GHz)
3.0
AIN1 AND AIN2 = –15dBFS
IMD2 = –91.1dBFS
IMD3 = –99.6dBFS
Figure 30. Two-Tone FFT, fIN1 = 2137.5 MHz, fIN2 = 2142.5 MHz,
AIN1 and AIN2 = −15 dBFS, 6 GSPS
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
500
1000
1500
2000
2500
3000
3500
4000
OUTPUT CODE
Figure 31. INL at fIN =170 MHz, 6 GSPS
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
2000
2500
3000
3500
4000
OUTPUT CODE
Figure 32. DNL at fIN =170 MHz, 6 GSPS
0
50000
100000
150000
200000
250000
300000
OUTPUT CODE
1.61LSB rms
Figure 33. Input Referred Noise Histogram, 6 GSPS
0
1000
2000
3000
4000
5000
6000
7000
INPUT FREQUENCY (MHz)
IMD2
IMD3
Figure 34. IMD2/IMD3 vs. Input Frequency (AIN = −7dBFS), 10 MHz Spacing,
6 GSPS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2000
2500
3000
3500
4000
4500
5000
5500
6000
6500
ENCODE CLOCK (MHz)
AVDD1V PWR
DVDD1V PWR
DVDD2V PWR
AVDD2V PWR
TOTAL POWER
Figure 35. Total Power vs. Encode Clock (fS) For 16 SERDES Lanes, fIN = 2600 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com