Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9213 Datasheet HTML 56Page - Analog Devices AD9213 Datasheet HTML 57Page - Analog Devices AD9213 Datasheet HTML 58Page - Analog Devices AD9213 Datasheet HTML 59Page - Analog Devices AD9213 Datasheet HTML 60Page - Analog Devices AD9213 Datasheet HTML 61Page - Analog Devices AD9213 Datasheet HTML 62Page - Analog Devices AD9213 Datasheet HTML 63Page - Analog Devices AD9213 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 60 of 110
SETTING UP THE AD9213 DIGITAL INTERFACE
The AD9213 has one JESD204B link. The device offers an easy
way to set up the JESD204B link through the JESD204B quick
configuration register (Register 0x502). The serial outputs
(SERDOUT0_x to SERDOUT15_x) are considered to be part of
one JESD204B link. The basic parameters that determine the
link setup are:
•
Number of lanes per link (L)
•
Number of converters per link (M)
•
Number of octets per frame (F)
If the internal DDC is used for on-chip digital processing, M
represents the number of virtual converters.
The maximum lane rate allowed by the AD9213 is 16 Gbps. The
lane line rate is related to the JESD204B parameters using the
following equation:
L
f
N
M
Rate
Line
Lane
OUT
×
×
×
=
8
10
'
where fOUT is the fADC_CLOCK divided by the decimation ratio.
The DCM is the parameter programmed in Register 0x631.
The following steps can be used to configure the output:
1. Power down the link.
2. Select JESD204B link configuration options.
3. Configure detailed options.
4. Set output lane mapping (optional).
5. Set additional driver configuration options (optional).
6. Power up the link.
If the lane line rate calculated is less than 6.8 Gbps, select
the low line rate option by programming a value of 0x01 to
Register 0x500.
Table 25, Table 26, and Table 27 show the JESD204B output
configurations supported for N΄ = 16, N΄ = 12 and N΄ = 8 for a
given number of virtual converters. Take care to ensure that the
serial line rate for a given configuration is within the supported
range of 1.7 Gbps to 16 Gbps.
JESD204B Transport Layer Settings
See the JESD204B Overview section for details regarding the
transport layer information listed in Table 25, Table 26, and
Table 27.
Serial Line Rates
In Table 25, Table 26, and Table 27, the serial line rates are as
follows:
•
fIN = ADC input sample rate
•
CDR = chip decimation ratio
•
FOUT = output sample rate = fIN/CDR.
•
SLR = JESD204B serial line rate
The following equations must be met due to internal clock
divider requirements:
•
SLR ≥ 1700 Mbps and SLR ≤ 16,000 Mbps.
•
SLR/40 ≤ fIN
•
20 × CDR × fOUT / SLR ≤ 512
•
When the SLR is ≤16,000 Mbps and >13,600 Mbps,
JTX_LOW_LINE_RATE, Register 0x500, Bits[3:0] must be
set to 0x3.
•
When the SLR is ≤13,600 Mbps and ≥6800 Mbps,
JTX_LOW_LINE_RATE, Register 0x500, Bits[3:0] must be
set to 0x0.
•
When the SLR is <6800 Mbps and ≥3400 Mbps,
JTX_LOW_LINE_RATE, Register 0x500, Bits[3:0]must be
set to 0x1.
•
When the SLR is <3400 Mbps and ≥1700 Mbps,
JTX_LOW_LINE_RATE, Register 0x500, Bits[3:0]must be
set to 0x5.
K Settings
In Table 25, Table 26, and Table 27, the number of samples per
converter per frame cycle, S, is calculated as follows:
•
S = 8 × F × L/(N' × M)
•
K = 32 is supported for all S
•
K = 16, 32 is supported for configurations except when
S = 1 and Register 0x630, Bit 4 = 1 in which case, only K =
32 is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com