Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9213 Datasheet HTML 21Page - Analog Devices AD9213 Datasheet HTML 22Page - Analog Devices AD9213 Datasheet HTML 23Page - Analog Devices AD9213 Datasheet HTML 24Page - Analog Devices AD9213 Datasheet HTML 25Page - Analog Devices AD9213 Datasheet HTML 26Page - Analog Devices AD9213 Datasheet HTML 27Page - Analog Devices AD9213 Datasheet HTML 28Page - Analog Devices AD9213 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 25 of 110
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
3.0
2.0
4.0
FREQUENCY (GHz)
5.0
2.5
1.5
3.5
4.5
AIN1 AND AIN2 = –15dBFS
IMD2 = –100.2dBFS
IMD3 = –100.6dBFS
Figure 68. Two-Tone FFT, fIN1 = 2137.5 MHz, fIN2 = 2142.5 MHz,
AIN1 and AIN2 = −15 dBFS, 10 GSPS
0
500
1000
1500
2000
2500
3000
3500
4000
OUTPUT CODE
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
Figure 69. DNL at fIN = 170 MHz, 10 GSPS
–3
–2
–1
0
1
2
3
0
500
1000
1500
2000
2500
3000
3500
4000
OUTPUT CODE
Figure 70. INL at fIN = 170 MHz, 10 GSPS
0
50000
100000
150000
200000
250000
OUTPUT CODE
1.72LSB rms
Figure 71. Input-Referred Noise Histogram, 10 GSPS
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
IMD3 (dBFS)
IMD3 (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 72. IMD3/SFDR vs. Input Amplitude, fIN1 = 2137.5 MHz,
fIN2 = 2142.5 MHz, 10 GSPS
500
1000
1500
2000
2500
3000
3500
INPUT FREQUENCY (MHz)
IMD2
IMD3
Figure 73. IMD2/IMD3 vs. Input Frequency, (AIN = −7 dBFS), 100 MHz Spacing,
10 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com