Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9213 Datasheet HTML 64Page - Analog Devices AD9213 Datasheet HTML 65Page - Analog Devices AD9213 Datasheet HTML 66Page - Analog Devices AD9213 Datasheet HTML 67Page - Analog Devices AD9213 Datasheet HTML 68Page - Analog Devices AD9213 Datasheet HTML 69Page - Analog Devices AD9213 Datasheet HTML 70Page - Analog Devices AD9213 Datasheet HTML 71Page - Analog Devices AD9213 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 68 of 110
MCS AVERAGED SYSREF MODE SETUP
The following are the SYSREF_x signal constraints for MCS
averaged SYSREF mode:
•
(fCLK ÷ 8) ÷ (fSYSREF_x) must be a positive integer.
•
fSYSREF_x must be ≤ 500 MHz
•
The number of LMFC cycles (K) per SYSREF_x cycle must
be a positive integer.
To calculate LMFC frequency (fLMFC), use the following
conditions:
fLMFC = fS/(DCM × K × S)
S = 8 × F × L/(N’ × M)
K = 32 or 16 frames/multiframe
To configure the AD9213 for MCS averaged SYSREF_x mode,
take the followings steps:
1. Write Register 0x525, Bit 5 = 1 to select JESD204B Subclass 1
mode. Set the SYSREF_x period. All three of the following
registers must be written for the 24-bit KNOWN_SYSREF_
PERIOD word (KNOWN_SYSREF_PERIOD[23:0] =
(fCLK/8)/fSYSREF_x):
a.
Register 0x1627, Bits[7:0] =
KNOWN_SYSREF_PERIOD[7:0]
b. Register 0x1628, Bits[7:0] =
KNOWN_SYSREF_PERIOD[15:8]
c. Register 0x1629, Bits[7:0] =
KNOWN_SYSREF_PERIOD[23:16]
For example, if fCLK = 10 GHz (chosen by user), then,
S = 8 × F × L/(N’ × M) = (8 × 2 × 16)/(16 × 1) = 16
(calculated automatically within AD9213)
fLFMC = fCLK/(DCM × K × S) = 10 × 10−9/(1 × 32 × 16) =
19,531,250 Hz
fSYSREF_x = 4.8828125 MHz, which is chosen for this example
to comply with the fLFMC and fSYSREF_x constraint.
With fSYSREF_x in compliance, KNOWN_SYSREF_PERIOD[23:0]
can be calculated:
KNOWN_SYSREF_PERIOD[23:0] =
9
6
_
10 10
/8
256 0x100
4.8828125 10
CLK
SYSREF x
f
f
×
=
=
=
×
The following write operations must be made to set
KNOWN_SYSREF_PERIOD[23:0] = 0x100:
•
Register 0x1627, Bits[7:0] = 0x00
•
Register 0x1628, Bits[7:0] = 0x01
•
Register 0x1629, Bits[7:0] = 0x00
2. Set the sample clock period (Register 0x162D to
Register 0x1630, Bits[7:0]). Bits[31:16] represent integer
values in picoseconds and Bits[15:0] represent fractions of
picoseconds.
For example, if fCLK = 6 GHz (chosen by user), then,
Clock period = 1/6 GHz = 166.667 ps
166.66710 = A6.AAC016.
The following writes must be made to set
SAMPLE_CLOCK_PERIOD[31:0] = A6.AAC016:
•
Register 0x162D Bits[7:0] = 0xC0
•
Register 0x162E Bits[7:0] = 0xAA
•
Register 0x162F Bits[7:0] = 0xA6
•
Register 0x1630 Bits[7:0] = 0x00
3. Set the number of SYSREF_x pulses to ignore
(Register 0x1521, MCS_SYSREF_IGNORE_COUNT[7:0]).
Note that this value is system dependent on the number of
cycles required to stabilize the SYSREF_x signal. For
example, to ignore 100 SYSREF_x pulses, perform the
following write operation: Register 0x1521 Bits[7:0] =
MCS_SYSREF_IGNORE_COUNT[7:0] = 0x64.
4. Set the SYSREF_x averaging count (Register 0x162A,
Bits[7:0] and Register 0x162B, Bits[7:0]). The averaging
count is the number of SYSREF_x pulses the MCS uses to
determine the timing of the externally applied SYSREF_x
signal. The larger the averaging count, the more accurate
the result, but it takes longer to achieve MCS lock. Note
that the number of SYSREF_x pulses averaged is the
(Register contents + 1) × 16. The recommended value for
the register contents is ≥1000. For example, to set the
averaging count register contents = 1000 = 0x03E8,
perform the following write operations: Register 0x162A
Bits[7:0] = MCS_SYSREF_AVGING_COUNT[7:0] = 0xE8,
and Register 0x162B Bits[7:0] = MCS_SYSREF_
AVGING_COUNT[15:8] = 0x03. This example write
operation corresponds to averaging (1000 + 1) × 16 ≈
16,000 SYSREF_x pulses averaged.
5. Select MCS SYSREF averaging mode (Register 0x1621,
Bits[3:0]). This action selects averaging mode, which
averages the signal present on the analog input of the time
to digital converter (TDC) within the MCS block. The instan-
taneous period is calculated, and this is then averaged to
create a clean and stable internal SYSREF_x signal, available
for alignment of the LMFC. The following write operation
selects SYSREF averaging mode: Register 0x1621,
Bits[3:0] = 0x9.
6. Set the MCS phase slip mode (Register 0x1636, Bit 0 = 1).
Always set this bit to 1 for SYSREF_x averaging mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com