Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9213 Datasheet HTML 38Page - Analog Devices AD9213 Datasheet HTML 39Page - Analog Devices AD9213 Datasheet HTML 40Page - Analog Devices AD9213 Datasheet HTML 41Page - Analog Devices AD9213 Datasheet HTML 42Page - Analog Devices AD9213 Datasheet HTML 43Page - Analog Devices AD9213 Datasheet HTML 44Page - Analog Devices AD9213 Datasheet HTML 45Page - Analog Devices AD9213 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 42 of 110
Figure 97 shows an example use case for coherent mode utilizing
three NCO channels. In this example, NCO Channel 0 is actively
downconverting Bandwidth 0 (B0) when NCO Channel 1 and
NCO Channel 2 are in standby mode and tuned to Bandwidth 1
(B1) and Bandwidth 2 (B2).
The phase coherent NCO switching feature allows an infinite
number of frequency hops that are all phase coherent. The initial
phase of the NCO is established at Time t0 from SYSREF_x
synchronization or the signal.
Switching the NCO FTW does not affect the phase. Only one
FTW is required with this feature. However, the user can use all
16 channels to queue up the next hop.
After SYSREF_x synchronization at startup, all NCOs across
multiple chips are inherently synchronized.
Setting Up the Multichannel NCO Feature
The first step to configure the multichannel NCO is to program
the FTWs. The AD9213 memory map has a FTW index register
for the DDC. This index determines which NCO channel
receives the FTW from the register map.
The following sequence describes the method for programming
the FTWs:
1.
Write the DDC profile (phase) update register (Register 0x633,
Bit 7) to select the DDC profile (phase) update mode. The
update mode can be continuous or require chip transfer.
2.
Write the FTW index register (Register 0x633, Bits[3:0]).
3.
Write the FTW with the desired value. The FTW register
addresses are 0x634, 0x635, 0x636, 0x637, 0x638, and
0x639. This value is applied to the NCO channel index
mentioned in Step 1.
4.
Repeat Step 1 and Step 2 for other NCO channels.
After setting the FTWs, the user must select an active NCO
channel. This selection can be done through the SPI registers,
the external GPIO[x] pins, or a profile select timer.
The following sequence describes the method for selecting the
active NCO channel using the SPI:
1.
Set the NCO channel selection mode in Register 0x632,
Bits[7:4] to 0x0 to enable SPI selection.
2.
Choose the active NCO channel in Register 0x632, Bits[3:0].
The following sequence describes the method for selecting the
active NCO channel using GPIO[x] CMOS pins.
1.
Set NCO channel selection mode in Register 0x632,
Bits[7:4] to a value between 0x1 and 0xB to enable
GPIO[x] pin selection.
2.
Configure the GPIO[x] pins as NCO channel selection
inputs by writing to Register 0x1606.
3.
NCO switching is done by externally controlling the
GPIO[x] CMOS pins.
The following sequence describes the method for selecting the
active NCO channel using the TRIG_x pins.
1.
Set the NCO channel selection input in Register 0x602.
2.
Configure the TRIG_x pin in edge control mode by writing
to Bits[3:2] in Register 0x151E.
3.
NCO switching is achieved by externally controlling the
TRIG_x pins.
NCO Synchronization
Each NCO contains a separate PAW. The initial reset value of
each PAW is set to zero and increments every clock cycle. The
instantaneous phase of the NCO is calculated using the PAW,
FTW, MAW, MBW, and POW.
Two methods can be used to synchronize multiple PAWs within
the chip:
Using the SPI: use the DDC soft reset bit in the DDC
synchronization control register (Register 0x600, Bit 4) to
reset all the PAWs in the chip. This reset is accomplished
by setting the DDC soft reset bit high, and then setting this
bit low. Note that this method can only be used to synchronize
DDC channels within the same chip.
Using the SYSREF_x pins: When a SYSREF_x pin is enabled
in the SYSREF control registers, and the DDC synchro-
nization is enabled in the DDC synchronization control
register (Register 0x600, Bits[1:0]), the next valid edge of
SYSREF_x or any subsequent edges of SYSREF_x resets all
the PAWs in the chip. Note that this method can be used to
synchronize DDC channels within the same chip or DDC
channels within separate chips (see Table 10).
The synchronization mechanism using SYSREF_x and TRIG_x
signals is shown in Figure 98.
CLOCK
GENERATION
FPGA
SYSREF_x
CLOCK(S)
SYSREF_x
DEVICE CLOCK
DEVICE CLOCK
DEVICE CLOCK
DEVICE CLOCK
SYSREF_x
SYSREF_x
SYSREF_x
TRIG_x
TRIG_x
TRIG_x
TRIG_x
ADC DEVICE 0
ADC DEVICE 1
ADC DEVICE 2
ADC DEVICE 3
Figure 98. System Using TRIG_x and SYSREF_x for Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com