Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9213 Datasheet HTML 40Page - Analog Devices AD9213 Datasheet HTML 41Page - Analog Devices AD9213 Datasheet HTML 42Page - Analog Devices AD9213 Datasheet HTML 43Page - Analog Devices AD9213 Datasheet HTML 44Page - Analog Devices AD9213 Datasheet HTML 45Page - Analog Devices AD9213 Datasheet HTML 46Page - Analog Devices AD9213 Datasheet HTML 47Page - Analog Devices AD9213 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 44 of 110
TRIG_x SENT
BY FPGA
TRIG_x SIGNAL
ARRIVES AT ADC
INPUT PINS
TRIG_x SIGNAL
REGISTERED BY ADC
SYSREF_x
DEVICE
CLOCK
LMFCs
DON’T CARE
DON’T CARE
NCOs
NCO
SYNCHRONIZED
LMFC
SYNCHRONIZED
BOARD PROPAGATION
DELAY
INPUT DELAY
CONFIGURE MASTER
AND SLAVE DEVICES
ENABLE TRIG_x
TRIG_x SENT BY FPGA
TRIG_x RECEIVED
BY ADC
SYSTEM
SYNCHRONIZATION
ACHIEVED
SYSREF_x
IGNORED
LMFC = LOCAL MULTIFRAME CLOCK
NCO = NUMERICALLY CONTROLLED OSCILLATOR
Figure 99. NCO Multichip Synchronization at Startup (Using TRIG_x and SYSREF_x)
HB7
FIR
DCM = 2
Q
I
Q
I
Q
I
REAL
INPUT
HB6
FIR
DCM = 2
HB5
FIR
DCM = 2
HB4
FIR
DCM = 2
HB3
FIR
DCM = 2
HB1
FIR
DCM = 2
HB2
FIR
DCM = 2
TB2
FIR
DCM = 3
HB7
FIR
DCM = 2
HB6
FIR
DCM = 2
HB5
FIR
DCM = 2
HB4
FIR
DCM = 2
HB3
FIR
DCM = 2
HB1
FIR
DCM = 2
HB2
FIR
DCM = 2
TB2
FIR
DCM = 3
Figure 100. DDC Decimation Filter Block Diagram
DDC Mixer Description
When not bypassed (Register 0x606, Bits[3:0] ≠ 0x00), the DDC
mixer performs a similar operation to an analog quadrature
mixer. The DDC performs the downconversion of the
input signal using the NCO frequency as a local oscillator. The
input of the DDC is a real signal which means that a real mixer
operation (with two multipliers) is performed.
DDC NCO, Mixer Loss, and SFDR
When mixing a real input signal down to baseband, −6 dB of
loss is introduced in the signal due to filtering of the negative
image. An additional −0.05 dB of loss is introduced by the
NCO. The total loss of a real input signal mixed down to
baseband is −6.05 dB, and it is recommended that the user
compensate for this loss by enabling the 6 dB of gain in the gain
stage of the DDC to recenter the dynamic range of the signal
within the full scale of the output bits (see the DDC Gain Stage
section for more information).
The worst case spurious signal from the NCO is >102 dBc
SFDR for all output frequencies.
DDC DECIMATION FILTERS
After the frequency translation stage, there are multiple
decimation filter stages used to reduce the output data rate.
After the carrier of interest is tuned down to dc (carrier
frequency = 0 Hz), these filters efficiently lower the sample rate
and providing sufficient alias rejection from unwanted adjacent
carriers around the bandwidth of interest.
Figure 100 shows a simplified block diagram of the decimation
filter stage, and Table 11 describes the filter characteristics of
the different FIR filter blocks.
Table 11 and Table 12 show the different filter configurations
selectable by including different filters. In all cases, the DDC
filtering stage provides 80% of the available output bandwidth,
<±0.001 dB of pass-band ripple, and >100 dB of stop band alias
rejection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com