Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9213 Datasheet HTML 55Page - Analog Devices AD9213 Datasheet HTML 56Page - Analog Devices AD9213 Datasheet HTML 57Page - Analog Devices AD9213 Datasheet HTML 58Page - Analog Devices AD9213 Datasheet HTML 59Page - Analog Devices AD9213 Datasheet HTML 60Page - Analog Devices AD9213 Datasheet HTML 61Page - Analog Devices AD9213 Datasheet HTML 62Page - Analog Devices AD9213 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 59 of 110
PHYSICAL LAYER (DRIVER) OUTPUTS
Digital Outputs, Timing, and Controls
The AD9213 physical layer consists of drivers that are defined in
the JEDEC Standard JESD204B, July 2011. The differential digital
outputs are powered up by default. The drivers use a dynamic
100 Ω internal termination to reduce unwanted reflections.
Place a 100 Ω differential termination resistor at each receiver
input to result in a nominal 300 mV p-p swing at the receiver
(see Figure 118). Alternatively, single-ended 50 Ω termination
can be used. When single-ended termination is used, the
termination voltage is JVDD/2.
OR
SERDOUT_P[x]
DRVDD
VRXCM
SERDOUT_N[x]
OUTPUT SWING = 300mV p-p
0.1µF
100Ω
50Ω
50Ω
0.1µF
RECEIVER
VCM = VRXCM
100Ω
DIFFERENTIAL
TRACE PAIR
Figure 118. AC-Coupled Digital Output Termination Example
The AD9213 digital outputs can interface with custom ASICs
and FPGA receivers, providing superior switching performance
in noisy environments. Single point-to-point network topologies
are recommended with a single differential 100 Ω termination
resistor placed as close to the receiver inputs as possible.
If there is no far-end receiver termination, or if there is poor
differential trace routing, timing errors can result. To avoid such
timing errors, it is recommended that the trace length be less
than six inches, and that the differential output traces be close
together and of equal lengths.
Figure 119 shows examples of the digital output data eye, time
interval error (TIE) jitter histogram, and bathtub curve for one
AD9213 lane running at 16Gbps. The format of the output data
is twos complement by default. To change the output data format,
see the Memory Map section (Register 0x622).
De-emphasis
De-emphasis enables the receiver eye diagram mask to be met
in conditions where the interconnect insertion loss does not
meet the JESD204B specification. Use the de-emphasis feature
only when the receiver is unable to recover the clock due to
excessive insertion loss. Under normal conditions, it is disabled
to conserve power. Additionally, enabling and setting too high a
de-emphasis value on a short link can cause the receiver eye
diagram to fail. Use the de-emphasis setting with caution
because it can increase electromagnetic interference (EMI). See
the Memory Map section (Register 0x5BA to Register 0x5C1 in
Table 36) for more details.
PLL
The PLL generates the serializer clock, which operates at the
JESD204B lane rate. The status of the PLL lock can be checked
in the PLL locked status bit (Register 0x501, Bit 7). This read
only bit lets the user know if the PLL has achieved a lock for the
specific setup. The JESD204B lane rate control, Bits[3:0] of
Register 0x500, must be set to correspond with the lane rate.
600
400
200
0
–200
–400
–600
–60
–40
–20
0
20
40
60
TIME (ps)
Figure 119. Digital Outputs Data Eye, External 100 Ω Terminations
at 16 Gbps
200
0
–200
–400
–600
–60
–40
–20
0
20
40
60
TIME (ps)
Figure 120. Digital Outputs Histogram, External 100 Ω Terminations
at 16 Gbps
–0.5
1
1–2
1–4
1–6
1–8
1–10
1–12
1–14
1–16
–0.4 –0.3 –0.2 –0.1
0
UIs
0.1
0.2
0.3
0.4
0.5
Figure 121. Digital Outputs Bathtub Curve, External 100 Ω Terminations
at 16 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com