Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 91 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9213 Datasheet HTML 87Page - Analog Devices AD9213 Datasheet HTML 88Page - Analog Devices AD9213 Datasheet HTML 89Page - Analog Devices AD9213 Datasheet HTML 90Page - Analog Devices AD9213 Datasheet HTML 91Page - Analog Devices AD9213 Datasheet HTML 92Page - Analog Devices AD9213 Datasheet HTML 93Page - Analog Devices AD9213 Datasheet HTML 94Page - Analog Devices AD9213 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 91 of 110
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
0x5BE
SERDOUT8/SERDOUT9
de-emphasis select
7
Reserved
Reserved.
0x0
R
[6:4]
SERDOUT9
Set Post Tap Level.
0x0
R/W
00 dB.
13 dB.
26 dB.
39 dB.
4 12 dB.
5 to 7 Not applicable.
3
Reserved
Reserved.
0x0
R
[2:0]
SERDOUT8
Set Post Tap Level.
0x0
R/W
00 dB.
13 dB.
26 dB.
39 dB.
4 12 dB.
5 to 7 Not applicable.
0x5BF
SERDOUT10/SERDOUT11
de-emphasis select
7
Reserved
Reserved.
0x0
R
[6:4]
SERDOUT11
Set Post Tap Level.
0x0
R/W
00 dB.
13 dB.
26 dB.
39 dB.
4 12 dB.
5 to 7 Not applicable.
3
Reserved
Reserved.
0x0
R
[2:0]
SERDOUT10
Set Post Tap Level.
0x0
R/W
00 dB.
13 dB.
26 dB.
39 dB.
4 12 dB.
5 to 7 Not applicable.
0x5C0
SERDOUT12/SERDOUT13
de-emphasis select
7
Reserved
Reserved.
0x0
R
[6:4]
SERDOUT13
Set Post Tap Level.
0x0
R/W
00 dB.
13 dB.
26 dB.
39 dB.
4 12 dB.
5 to 7 Not applicable.
3
Reserved
Reserved.
0x0
R
[2:0]
SERDOUT12
Set Post Tap Level.
0x0
R/W
00 dB.
13 dB.
26 dB.
39 dB.
4 12 dB.
5 to 7 Not applicable.
0x5C1
SERDOUT14/SERDOUT15
de-emphasis select
7
Reserved
Reserved.
0x0
R
[6:4]
SERDOUT15
Set Post Tap Level.
0x0
R/W
00 dB.
13 dB.
26 dB.
39 dB.
4 12 dB.
5 to 7 Not applicable.
3
Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com