Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9213 Datasheet HTML 48Page - Analog Devices AD9213 Datasheet HTML 49Page - Analog Devices AD9213 Datasheet HTML 50Page - Analog Devices AD9213 Datasheet HTML 51Page - Analog Devices AD9213 Datasheet HTML 52Page - Analog Devices AD9213 Datasheet HTML 53Page - Analog Devices AD9213 Datasheet HTML 54Page - Analog Devices AD9213 Datasheet HTML 55Page - Analog Devices AD9213 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 52 of 110
Chip
Decimation
Ratio (DCM)
DDC
Output
Type
Bandwidth
Per DDC1
No. of Virtual
Converters
Required
Register Settings
Real
0.8333% × fS
1
Register 0x606 = 0x21. One DDC; I only selected.
Register 0x607 = 0x0D. Chip decimate by 48.
Register 0x630 = 0x12. 6 dB gain, variable IF, real output.
Register 0x631 = 0x0C. HB5 + HB4 + HB3 + HB2 + TB2 + HB1 filters.
Register 0x634 to Register 0x63F = FTW and POW set as required by application for DDC.
96
Complex
0.8333% × fS
2
Register 0x606 = 0x01. One DDC, I/Q selected.
Register 0x607 = 0x0E Chip decimate by 96.
Register 0x630 = 0x02. 6 dB gain, variable IF, complex output.)
Register 0x631 = 0x0C. HB5 + HB4 + HB3 + HB2 + TB2 + HB1 filters.
Register 0x634 to Register 0x63F = FTW and POW set as required by application for DDC.
1
fS is the ADC sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com