Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9213 Datasheet HTML 61Page - Analog Devices AD9213 Datasheet HTML 62Page - Analog Devices AD9213 Datasheet HTML 63Page - Analog Devices AD9213 Datasheet HTML 64Page - Analog Devices AD9213 Datasheet HTML 65Page - Analog Devices AD9213 Datasheet HTML 66Page - Analog Devices AD9213 Datasheet HTML 67Page - Analog Devices AD9213 Datasheet HTML 68Page - Analog Devices AD9213 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 65 of 110
DETERMINISTIC LATENCY
Both ends of the JESD204B link contain various clock domains
distributed throughout each system. Data traversing from one
clock domain to a different clock domain can lead to ambiguous
delays in the JESD204B link. These ambiguities lead to non-
repeatable latencies across the link from one power cycle or link
reset to the next. Section 6 of the JESD204B specification
addresses the issue of deterministic latency with mechanisms
defined as Subclass 1 and Subclass 2.
The AD9213 supports JESD204B Subclass 0 and Subclass 1
operation. Register 0x525, Bit 5 sets the subclass mode for the
AD9213 and its default is set for Subclass 1 operating mode
(Register 0x525, Bit 5 = 1). If deterministic latency is not a
system requirement, Subclass 0 operation is recommended and
the SYSREF signal may not be required. Even in Subclass 0
mode, the SYSREF signal can required in an application where
multiple AD9213 devices must be synchronized with each
other.
SUBCLASS 0 OPERATION
If there is no requirement for multi-chip synchronization while
operating in subclass 0 mode (Register 0x525, Bit 5 = 0), the
SYSREF input can be left disconnected. In this mode, the
relationship of the JESD204B clocks between the JESD204B
transmitter and receiver are arbitrary but does not affect the
ability of the receiver to capture and align the lanes within the
link.
SUBCLASS 1 OPERATION
The JESD204B protocol organizes data samples into octets,
frames, and multiframes, as described in the Transport Layer
section of this data sheet. The LMFC is synchronous with the
beginnings of these multiframes. In Subclass 1 operation, the
SYSREF_x signal is used to synchronize the LMFCs for each
device in a link or across multiple links (within the AD9213,
SYSREF_x signal also synchronizes the internal sample
dividers). This is illustrated in Figure 122. The JESD204B
receiver uses the multiframe boundaries and buffering to
achieve consistent latency across lanes (or even multiple
devices), and also to achieve a fixed latency between power
cycles and link reset conditions.
The AD9213 features both averaged SYSREF and sampled
SYSREF modes for JESD204B Subclass 1 operation. Averaged
SYSREF mode is valid for all AD9213 sample rates. Sampled
SYSREF mode is valid for 2.5 GSPS to 3 GSPS. See the
Multichip Synchronization (MCS) section for details.
Deterministic Latency Requirements
Several key factors are required for achieving deterministic
latency in a JESD204B Subclass 1 system.
SYSREF_x signal distribution skew within the system must
be less than the desired uncertainty for the system.
SYSREF_x setup and hold time requirements must be met
for each device in the system. With the AD9213 averaged
SYSREF mode, there are no setup and hold time
requirements for the externally applied SYSREF_x signal.
References to SYSREF_x setup and hold times are in the
context of the sampled SYSREF mode.
The total latency variation across all lanes, links and
devices must be ≤1 LMFC periods (see Figure 122). This
includes both variable delays and the variation in fixed
delays from lane to lane, link to link, and device to device
in the system.
Setting Deterministic Latency Registers
The JESD204B receive buffer in the logic device buffers data
starting on the LMFC boundary. If the total link latency in the
system is near an integer multiple of the LMFC period, it is
possible that from one power cycle to the next, the data arrival
time at the receive buffer can straddle an LMFC boundary. To
ensure deterministic latency in this case, a phase adjustment of
the LMFC at either the transmitter or receiver will need to be
performed. Typically, adjustments to accommodate the receive
buffer are made to the LMFC of the receiver. In the AD9213,
this adjustment can be made using the LMFC offset register
(Register 0x50A, Bits[4:0]). This register delays the LMFC in
frame clock increments, depending on the F parameter (number
of octets per lane per frame). For F = 1, every fourth setting (0,
4, 8, …) results in a 1-frame clock shift. For F = 2, every other
setting (0, 2, 4, …) results in a 1-frame clock shift. For all other
values of F, each setting results in a 1-frame clock shift. Figure 123
shows that in the case where the link latency is near an LMFC
boundary, the local LMFC of the AD9213 can be delayed to
delay the data arrival time at the receiver. Figure 124 shows how
the LMFC of the receiver is delayed to accommodate the receive
buffer timing. Consult the applicable JESD204B receiver user
guide for details on making this adjustment. If the total latency
in the system is not near an integer multiple of the LMFC period
or if the appropriate adjustments have been made to the LMFC
phase at the clock source, it is still possible to have variable latency
from one power cycle to the next. In this case, check for the
possibility that the setup and hold time requirements for the
SYSREF_x signal are not being met. This can be checked by
reading the SYSREF setup/hold monitor register (Register 0x1509).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com