Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9213 Datasheet HTML 72Page - Analog Devices AD9213 Datasheet HTML 73Page - Analog Devices AD9213 Datasheet HTML 74Page - Analog Devices AD9213 Datasheet HTML 75Page - Analog Devices AD9213 Datasheet HTML 76Page - Analog Devices AD9213 Datasheet HTML 77Page - Analog Devices AD9213 Datasheet HTML 78Page - Analog Devices AD9213 Datasheet HTML 79Page - Analog Devices AD9213 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 76 of 110
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
0x125
SMON_PERIOD_1
[7:0]
SMON_PERIOD[15:8]
2-Bit Value, Sets Number of Clock Cycles
that Signal Monitor Performs Operation.
24-bit period value over which the signal
monitor performs the peak detection. The
bit value must be in multiples of 16.
0x0
R/W
0x126
SMON_PERIOD_2
[7:0]
SMON_PERIOD[23:16]
2-Bit Value, Sets Number of Clock Cycles
that Signal Monitor Performs Operation.
24-bit period value over which the signal
monitor performs the peak detection. The
bit value must be in multiples of 16.
0x0
R/W
0x127
SMON_STATUS_CTRL
[7:5]
Reserved
Reserved.
0x0
R
4
SMON_PEAK_EN
Signal Monitor Peak Detector Enable.
0x0
R/W
0Disabled.
1Enabled.
[3:1]
SMON_STATUS_RDSEL
Signal Monitor Status Readback Selection.
0x1 for peak detector.
0x0
R/W
1 Peak detector data.
0
SMON_STATUS_UPDATE
A high transition on this signal causes the
status value to change in the register map.
When this bit field is pulled high, the
SMON_STATUS updates with the next value
of the peak magnitude.
0x0
R/W
0x128
SMON_SFRAMER
[7:2]
SMON_SFRAMER_INSEL
Signal Monitor Serial Framer Input
Selection.
0x0
R/W
2 Peak magnitude is sent through the frame.
1
SMON_SFRAMER_MODE
Signal Monitor Serial Framer Mode
Selection.
0x0
R/W
1 5-bit framer selection.
0
SMON_SFRAMER_EN
Signal Monitor Serial Framer Enable.
0x0
R/W
0Disabled.
1Enabled.
0x129
SMON_SYNC_CTRL
[7:2]
Reserved
Reserved.
0x0
R
1
SMON_SYNC_NEXT
SMON Next Synchronization Mode.
0x0
R/W
0 Continuous mode.
1 Next synchronization mode. In this mode,
only the next valid edge of SYSREF_x pin
synchronizes the SMON block. Subsequent
edges of the SYSREF_x pin are ignored. The
SMON_SYNC_EN bit clears when the next
SYSREF_x edge is found.
0
SMON_SYNC_EN
SMON Synchronization Enable.
0x0
R/W
0Disabled.
1 Enabled. When synchronization is enabled,
if SMON_SYNC_NEXT = 1, only the next
valid edge of the SYSREF_x pin synchronizes
the SMON block. Subsequent edges of the
SYSREF_x pin are ignored. This bit clears
when the next SYSREF_x edge is received.
0x131
SMON_CLK_EN
[7:1]
RESERVED
Reserved.
0x0
R
0
SMON_CLK_EN
SMON Output Clock Enable.
0x0
R/W
0Disabled.
1Enabled.
0x332
CLK_CHG_REQ
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
CLKCHGREQ
Request Sample Clock Frequency Change.
0x0
R/W
0x500
PLL_CTRL
7
JTX_PLL_BYPASS_LOCK
Bypass PLL Lock Input.
0x0
R/W
[6:4]
Reserved
Reserved.
0x0
R
[3:0]
JTX_LOW_LINE_RATE
JESD Low Line Rate Selection.
0x0
R/W
0011 Lane rate = 13.6 Gbps to 16 Gbps.
0000 Lane rate = 6.8 Gbps to 13.6 Gbps.
0001 Lane rate = 3.4 Gbps to 6.8 Gbps.
0101 Lane rate = 1.7 Gbps to 3.4 Gbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com