Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 45 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9213 Datasheet HTML 41Page - Analog Devices AD9213 Datasheet HTML 42Page - Analog Devices AD9213 Datasheet HTML 43Page - Analog Devices AD9213 Datasheet HTML 44Page - Analog Devices AD9213 Datasheet HTML 45Page - Analog Devices AD9213 Datasheet HTML 46Page - Analog Devices AD9213 Datasheet HTML 47Page - Analog Devices AD9213 Datasheet HTML 48Page - Analog Devices AD9213 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 45 of 110
Table 11. DDC Decimation Filter (Half-Band Filter) Characteristics
Filter Name1
Decimation Ratio
Pass Band
(rad/sec)
Stop Band
(rad/sec)
Pass-Band Ripple (dB)
Stop-Band
Attenuation (dB)
HB1
2
0.8 × π/2
1.2 × π/2
<±0.001
>100
HB2
2
0.4 × π/2
1.6 × π/2
<±0.001
>100
HB3
2
0.2 × π/2
1.8 × π/2
<±0.001
>100
HB4
2
0.1 × π/2
1.9 × π/2
<±0.001
>100
HB5
2
0.05 × π/2
1.95 × π/2
<±0.001
>100
HB6
2
0.025 × π/2
1.975 × π/2
<±0.001
>100
HB7
2
0.0125 × π/2
1.9875 × π/2
<±0.001
>100
TB2
3
0.8 × π/3
1.6 × π/3
<±0.001
>100
1
All filters are FIR, low pass filters.
Table 12. DDC Filter Configurations, ADC Sample Rate = fS
DDC Filter Configuration
Real (I) Output
Complex (I/Q) Outputs
Alias
Protected
Bandwidth
Ideal SNR
Improvement (dB)1
Decimation
Ratio
Sample
Rate
Decimation
Ratio
Sample Rate
HB1
1
fS
2
fS/2 (I) + fS/2 (Q)
fS/2 × 80%
1
HB2 + HB1
2
fS/2
4
fS/4 (I) + fS/4 (Q)
fS/4 × 80%
4
TB2 + HB1
3
fS/3
6
fS/6 (I) + fS/6 (Q)
fS/6 × 80%
5.7
HB3 + HB2 + HB1
4
fS/4
8
fS/8 (I) + fS/8 (Q)
fS/8 × 80%
7
TB2 + HB2 + HB1
6
fS/6
12
fS/12 (I) + fS/12 (Q)
fS/12 × 80%
8.8
HB4 + HB3 + HB2 + HB1
8
fS/8
16
fS/16 (I) + fS/16 (Q)
fS/16 × 80%
10
TB2 + HB3 + HB2 + HB1
12
fS/12
24
fS/24 (I) + fS/24 (Q)
fS/24 × 80%
11.8
HB5 + HB4 + HB3 + HB2 + HB1
16
fS/16
32
fS/32 (I) + fS/32 (Q)
fS/32 × 80%
13
TB2 + HB4 + HB3 + HB2 + HB1
24
fS/24
48
fS/48 (I) + fS/48 (Q)
fS/48 × 80%
14.8
HB6 + HB5 + HB4 + HB3 + HB2 + HB1
32
fS/32
64
fS/64 (I) + fS/64 (Q)
fS/64 × 80%
16
TB2 + HB5 + HB4 + HB3 + HB2 + HB1
48
fS/48
96
fS/96 (I) + fS/96 (Q)
fS/96 × 80%
17.8
HB7 + HB6 + HB5 + HB4 + HB3 + HB2
+ HB1
64
fS/64
128
fS/128 (I) + fS/128 (Q)
fS/128 × 80%
19
1
Ideal SNR improvement due to oversampling + filtering > 10log(bandwidth/fS/2).
Table 13. DDC Filter Configurations (fS = 10 GSPS)
DDC Filter Configuration
Real (I) Output
Complex (I/Q) Outputs
Alias Protected
Bandwidth (GHz)
Decimation
Ratio
Sample Rate
(GSPS)
Decimation
Ratio
Sample Rate
(GSPS)
HB1
1
10
2
5 (I) + 5 (Q)
4
HB2 + HB1
2
5
4
2.5 (I) + 2.5 (Q)
2
TB2 + HB1
3
3.3333
6
1.6667 (I) + 1.6667 (Q)
1.3333
HB3 + HB2 + HB1
4
2.5
8
1.25 (I) + 1.25 (Q)
1
TB2 + HB2 + HB1
6
1.6667
12
0.8333 (I) + 0.8333 (Q)
0.6667
HB4 + HB3 + HB2 + HB1
8
1.25
16
0.625 (I) + 0.625 (Q)
0.5
TB2 + HB3 + HB2 + HB1
12
0.8333
24
0.4167 (I) + 0.4167 (Q)
0.3333
HB5 + HB4 + HB3 + HB2 + HB1
16
0.625
32
0.3125 (I) + 0.3125 (Q)
0.25
TB2 + HB4 + HB3 + HB2 + HB1
24
0.4167
48
0.2083 (I) + 0.2083 (Q)
0.1667
HB6 + HB5 + HB4 + HB3 + HB2 + HB1
32
0.3125
64
0.1563 (I) + 0.1563 (Q)
0.125
TB2 + HB5 + HB4 + HB3 + HB2 + HB1
48
0.2083
96
0.1042 (I) + 0.1042 (Q)
0.0833
HB7 + HB6 + HB5 + HB4 + HB3 + HB2 + HB1
64
0.1563
128
0.0781 (I) + 0.0781 (Q)
0.0625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com