Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 1 Page - Analog Devices

  AD9213 Datasheet HTML 1Page - Analog Devices AD9213 Datasheet HTML 2Page - Analog Devices AD9213 Datasheet HTML 3Page - Analog Devices AD9213 Datasheet HTML 4Page - Analog Devices AD9213 Datasheet HTML 5Page - Analog Devices AD9213 Datasheet HTML 6Page - Analog Devices AD9213 Datasheet HTML 7Page - Analog Devices AD9213 Datasheet HTML 8Page - Analog Devices AD9213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
12-Bit, 6 GSPS/10.25 GSPS, JESD204B,
RF Analog-to-Digital Converter
Data Sheet
AD9213
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High instantaneous dynamic range
NSD
−155 dBFS/Hz at 10 GSPS with −9 dBFS, 170 MHz input
−153 dBFS/Hz at 10 GSPS with −1 dBFS, 170 MHz input
SFDR: 70 dBFS at 10 GSPS with −1 dBFS, 1000 MHz input
SFDR excluding H2 and H3 (worst other spur): 89 dBFS at
10 GSPS with −1 dBFS, 1000 MHz input
Low power dissipation: <4.6 W typical at 10 GSPS
Integrated input buffer (6.5 GHz input bandwidth)
1.4 V p-p full-scale analog input with RIN = 50 Ω
Overvoltage protection
16-lane JESD204B output (up to 16 Gbps line rate)
Multichip synchronization capable with 1 sample accuracy
DDC NCO synchronization included
Integrated DDC
Selectable decimation factors
16 profile settings for fast frequency hopping
Fast overrange detection for efficient AGC
On-chip temperature sensor
On-chip negative voltage generators
Low CER: <1 × 10−16
12 mm × 12 mm, 192-ball BGA-ED package
GENERAL DESCRIPTION
The AD9213 is a single, 12-bit, 6 GSPS/10.25 GSPS, radio
frequency (RF) analog-to-digital converter (ADC) with a 6.5 GHz
input bandwidth. The AD9213 supports high dynamic range
frequency and time domain applications requiring wide instan-
taneous bandwidth and low conversion error rates (CER).
The AD9213 features a 16-lane JESD204B interface to support
maximum bandwidth capability.
The AD9213 achieves dynamic range and linearity performance
while consuming <4.6 W typical. The device is based on an inter-
leaved pipeline architecture and features a proprietary calibration
and randomization technique that suppresses interleaving spurious
artifacts into its noise floor. The linearity performance of the
AD9213 is preserved by a combination of on-chip dithering and
calibration, which results in excellent spurious-free performance
over a wide range of input signal conditions.
Applications that require less instantaneous bandwidth can benefit
from the on-chip, digital signal processing (DSP) capability of
the AD9213 that reduces the output data rate along with the
number of JESD204B lanes required to support the device. The
DSP path includes a digital downconverter (DDC) with a 48-bit,
numerically controlled oscillator (NCO), followed by an I/Q digital
decimator stage that allows selectable decimation rates that are
factors of two or three. For fast frequency hopping applications, the
AD9213 NCO supports up to 16 profile settings with a separate
trigger input, allowing wide surveillance frequency coverage at
a reduced JESD204B lane count.
The AD9213 supports sample accurate multichip synchronization
that includes synchronization of the NCOs. The AD9213 is
offered in a 192-ball ball grid array (BGA) package and is
specified over a junction temperature range of −20°C to +115°C.
FUNCTIONAL BLOCK DIAGRAM
VIN_P
AVDD2
(2.0V)
AVNN1
(–1.0V)
BUFFER
AD9213
VIN_N
VCM
CLK_P
CLK_N
CLKVDD_LF
(1.0V)
FD
AVDD
(1.0V)
JVDD2
(2.0V)
JVDD
(1.0V)
SERDOUTx[0]
SERDOUTx[1]
SERDOUTx[15]
DVDD
(1.0V)
AGND
DGND
SYNCINB_x
SYSREF_x
TRIG_x
SVDD2
(2.0V)
SDIO
GPIO[0] TO GPIO[4]
ADC
CORE
12
SCLK CSB
2× DIGITAL
GAIN
SIGNAL
MONITOR
CLOCK
DISTRIBUTION
JESD204B
SUBCLASS 1
CONTROL
GPIO
ASSIGNMENT
SPI
CONTROL
DIGITAL
DOWN
CONVERTER
16
I/Q
16
Figure 1.


Similar Part No. - AD9213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9213BBP-10G-CSH AD-AD9213BBP-10G-CSH Datasheet
2Mb / 23P
12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
1/2022-Revision 0
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
1/2022-Revision 0
More results

Similar Description - AD9213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9234 AD-AD9234 Datasheet
1Mb / 66P
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
REV. A
AD9208 AD-AD9208 Datasheet
1Mb / 137P
14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
Rev. 0
AD9207 AD-AD9207 Datasheet
252Kb / 5P
12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
AD9699 AD-AD9699 Datasheet
7Mb / 121P
14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
5/2021-Revision 0
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
1/2022-Revision 0
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com