Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9213 Datasheet HTML 18Page - Analog Devices AD9213 Datasheet HTML 19Page - Analog Devices AD9213 Datasheet HTML 20Page - Analog Devices AD9213 Datasheet HTML 21Page - Analog Devices AD9213 Datasheet HTML 22Page - Analog Devices AD9213 Datasheet HTML 23Page - Analog Devices AD9213 Datasheet HTML 24Page - Analog Devices AD9213 Datasheet HTML 25Page - Analog Devices AD9213 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 22 of 110
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
SAMPLING FREQUENCY (GHz)
SFDR
SNR
Figure 50. SNR/SFDR vs. Sampling Frequency, fIN = 2600 MHz, 10 GSPS
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 51. SNR/SFDR vs. Input Amplitude, fIN = 1000 MHz, 10 GSPS
–40
–20
0
20
40
60
80
100
120
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR
SNRFS
SFDR
SFDRFS
Figure 52. SNR/SFDR vs. Input Amplitude (AIN), fIN = 2600 MHz, 10 GSPS
100
1100
2100
3100
4100
5100
6100
INPUT FREQUENCY (MHz)
SFDR
SNR
Figure 53. SNR/SFDR vs. Input Frequency (fIN), 10 GSPS, AIN = −1 dBFS
45
50
55
60
65
70
0.35
0.40
0.45
0.50
0.55
0.60
0.65
VCM (V)
SNR –10°C
SNR +65°C
SNR +115°C
SFDR –10°C
SFDR +65°C
SFDR +115°C
RECOMMENDED
RANGE
Figure 54. SNR/SFDR vs. VCM, fIN = 2600 MHz, 10 GSPS,
Temperatures Shown = TJ
–16 –14 –12 –10
–8
–6
–4
–2
0
2
4
6
8
10
CLOCK AMPLITUDE (dBm)
SFDR
SNR
Figure 55. SNR/SFDR vs. Clock Amplitude, fIN = 1000 MHz, 10 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com