Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 99 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 99 Page - Analog Devices

Back Button AD9213 Datasheet HTML 95Page - Analog Devices AD9213 Datasheet HTML 96Page - Analog Devices AD9213 Datasheet HTML 97Page - Analog Devices AD9213 Datasheet HTML 98Page - Analog Devices AD9213 Datasheet HTML 99Page - Analog Devices AD9213 Datasheet HTML 100Page - Analog Devices AD9213 Datasheet HTML 101Page - Analog Devices AD9213 Datasheet HTML 102Page - Analog Devices AD9213 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 99 of 110
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
0x642
DDC_PHASE_INC_
FRAC_A2
[7:0]
DDC0_PHASE_INC_
FRAC_A2
Phase Increment Numerator, Bits [23:16].
Twos complement numerator correction
term for modulus phase accumulator.
0x0
R/W
0x643
DDC_PHASE_INC_
FRAC_A3
[7:0]
DDC0_PHASE_INC_
FRAC_A3
Phase Increment Numerator, Bits [31:24].
Twos complement numerator correction
term for modulus phase accumulator.
0x0
R/W
0x644
DDC_PHASE_INC_
FRAC_A4
[7:0]
DDC0_PHASE_INC_
FRAC_A4
Phase Increment Numerator, Bits [39:32].
Twos complement numerator correction
term for modulus phase accumulator.
0x0
R/W
0x645
DDC_PHASE_INC_
FRAC_A5
[7:0]
DDC0_PHASE_INC_
FRAC_A5
Phase Increment Numerator, Bits [47:40]
Twos complement numerator correction
term for modulus phase accumulator.
0x0
R/W
0x646
DDC_PHASE_INC_
FRAC_B0
[7:0]
DDC0_PHASE_INC_
FRAC_B0
Phase Increment Denominator, Bits [7:0].
Twos complement denominator correction
term for modulus phase accumulator.
0x0
R/W
0x647
DDC_PHASE_INC_
FRAC_B1
[7:0]
DDC0_PHASE_INC_
FRAC_B1
Phase Increment Denominator, Bits [15:8].
Twos complement denominator correction
term for modulus phase accumulator.
0x0
R/W
0x648
DDC_PHASE_INC_
FRAC_B2
[7:0]
DDC0_PHASE_INC_
FRAC_B2
Phase Increment Denominator, Bits [23:16].
Twos complement denominator correction
term for modulus phase accumulator.
0x0
R/W
0x649
DDC_PHASE_INC_
FRAC_B3
[7:0]
DDC0_PHASE_INC_
FRAC_B3
Phase Increment Denominator, Bits [31:24].
Twos complement denominator correction
term for modulus phase accumulator.
0x0
R/W
0x64A
DDC_PHASE_INC_
FRAC_B4
[7:0]
DDC0_PHASE_INC_
FRAC_B4
Phase Increment Denominator, Bits [39:32].
Twos complement denominator correction
term for modulus phase accumulator.
0x0
R/W
0x64B
DDC_PHASE_INC_
FRAC_B5
[7:0]
DDC0_PHASE_INC_
FRAC_B5
Phase Increment Denominator, Bits [47:40].
Twos complement denominator correction
term for modulus phase accumulator.
0x0
R/W
0x64C
DDC_TRANSFER_CTRL
[7:1]
Reserved
Reserved.
0x0
R
0
DDC0_CHIP_TRANSFER
DDC Chip Transfer. Note that this bit
updates the DDC phase increment and
phase offset registers when
DDC_PHASE_UPDATE_MODE = 1 and
DDC_GPIO_CHIP_TRANSFER_MODE = 0.
0x0
R/W
0Do nothing.
1 Synchronizes data transfer from master
registers to slave registers.
0x64D
DDC_TRANSFER_STATUS
[7:1]
Reserved
Reserved.
0x0
R
0
DDC0_CHIP_TRANSFER_
STATUS
DDC Chip Transfer Status Bit.
0x0
R
0 Data transfer from master register to slave
register is complete.
1 Indicates the data transfer is not requested
or not completed.
0x650
MOD_NCO_PHASE_
ERROR_LOAD_REG0
[7:0]
MOD_NCO_PHASE_
ERROR_LOAD_
VALUE[7:0]
MOD NCO Phase Error Value.
0x0
R/W
0x651
MOD_NCO_PHASE_
ERROR_LOAD_REG1
[7:0]
MOD_NCO_PHASE_
ERROR_LOAD_
VALUE[15:8]
MOD NCO Phase Error Value.
0x0
R/W
0x652
MOD_NCO_PHASE_
ERROR_LOAD_REG2
[7:0]
MOD_NCO_PHASE_
ERROR_LOAD_
VALUE[23:16]
MOD NCO Phase Error Value.
0x0
R/W
0x653
MOD_NCO_PHASE_
ERROR_LOAD_REG3
[7:0]
MOD_NCO_PHASE_
ERROR_LOAD_
VALUE[31:24]
MOD NCO Phase Error Value.
0x0
R/W
0x654
MOD_NCO_PHASE_
ERROR_LOAD_REG4
[7:0]
MOD_NCO_PHASE_
ERROR_LOAD_
VALUE[39:32]
MOD NCO Phase Error Value.
0x0
R/W
0x655
MOD_NCO_PHASE_
ERROR_LOAD_REG5
[7:0]
MOD_NCO_PHASE_
ERROR_LOAD_
VALUE[47:40]
MOD NCO Phase Error Value.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com