Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 103 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 103 Page - Analog Devices

Back Button AD9213 Datasheet HTML 99Page - Analog Devices AD9213 Datasheet HTML 100Page - Analog Devices AD9213 Datasheet HTML 101Page - Analog Devices AD9213 Datasheet HTML 102Page - Analog Devices AD9213 Datasheet HTML 103Page - Analog Devices AD9213 Datasheet HTML 104Page - Analog Devices AD9213 Datasheet HTML 105Page - Analog Devices AD9213 Datasheet HTML 106Page - Analog Devices AD9213 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 103 of 110
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
2
SUPMON_VDDD_
SPI_1P8
2 V Digital Supply Monitor for SPI Pads.
0x1
R
1
SUPMON_VDDA_
REF_2P0
2 V Analog Supply Monitor for Reference.
0x1
R
0
SUPMON_VDDA_
BUF_2P0
2 V Analog Supply Monitor for Buffer
0x1
R
0x1514
SUPPLY_MON3
[7:2]
Reserved
Reserved.
0x0
R
1
SUPMON_VEEA_NEG1P0
−1 V Analog Supply Monitor.
0x1
R
0
SUPMON_VEEA_BUF_
NEG1P0
−1 V Analog Supply Monitor for Buffer.
0x1
R
0x1515
PDOWN_CTRL
[7:3]
PDB_REF_NOHCLK
Power-Down for Reference.
0x1F
R/W
2
SPI_PDB_CLKBUF
Power-Down for Clock Buffer.
0x1
R/W
1
STDBY_CHIP
Standby Chip.
0x0
R/W
0
PD_CHIP
Power Down Chip.
0x0
R/W
0x1516
SPI_EN_FDLY_SYS
[7:2]
Reserved
Reserved.
0x0
R
1
SPI_EN_SFDLY_SYS
Super Fine Delay Cell Enable Bit for System
Clock.
0x0
R/W
0Disabled.
1 Enabled (along with half fine delay cell).
0
SPI_EN_FDLY_SYS
Fine Delay Cell enable Bit for System Clock.
Two halves fine delay cells in series. Each
has 24 steps adjustments.
0x0
R/W
0Disabled.
1 Enabled (two halves fine delay cells).
0x1517
SPI_TRM_FINE_DLY_SYS [7:0]
SPI_TRM_FINE_DLY_SYS
Clock Fine Adjustment for System Clock.
This is an unsigned control to adjust the
system clock skew in 1.1 ps per step with
48 total steps. These bits are used only when
Register 0x1516, Bit 1 or Bit 0 are set to 1.
Minimum delay = 0, maximum delay = 48.
0x0
R/W
0x1518
SPI_TRM_SUPER_FINE_
DLY_SYS
[7:0]
SPI_TRM_SUPER_FINE_
DLY_SYS
Clock super fine delay SYS clock adjustment.
This is an unsigned control to adjust the
system clock skew in 16 fS/step with 255 total
steps. These bits are only used when
Register 0x1516, Bit 1 = 1, Register 0x1519,
Bit 0 = 0. Minimum delay = 0, maximum
delay = 255.
0x0
R/W
0x1519
SPI_SFDC_BYPASS_SYS
[7:1]
Reserved
Reserved.
0x0
R
0
SPI_SFDC_BYPASS_SYS
Super Fine Delay Cell Bypassed for the
system clock. This bit works in conjunction
with the SPI_EN_SFDLY_SYS bit. When
SPI_EN_SFDLY_SYS = 0, SPI_SFDC_BYPASS_
SYS = 0 or 1 (don't care). When SPI_EN_
SFDLY_SYS = 1, SPI_SFDC_BYPASS_SYS = 1
super fine delay cell bypassed for the
system clock.
0x0
R/W
0x151A
EN_VCM_MODE
[7:2]
Reserved
Reserved.
0x0
R
[1:0]
EN_VCM_MODE
VCM Enable Mode Control.
0x1
R/W
00 Internal and External VCM control buffers
disabled.
01 Startup. Internal VCM control buffer
enabled.
10 External VCM control buffer enabled.
11 Internal and External VCM control buffers
enabled. Auxiliary mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com