Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 101 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 101 Page - Analog Devices

Back Button AD9213 Datasheet HTML 97Page - Analog Devices AD9213 Datasheet HTML 98Page - Analog Devices AD9213 Datasheet HTML 99Page - Analog Devices AD9213 Datasheet HTML 100Page - Analog Devices AD9213 Datasheet HTML 101Page - Analog Devices AD9213 Datasheet HTML 102Page - Analog Devices AD9213 Datasheet HTML 103Page - Analog Devices AD9213 Datasheet HTML 104Page - Analog Devices AD9213 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 101 of 110
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
0x671
TIMESTAMP_READ_CTRL [7:1]
Reserved
Reserved.
0x0
R
0
TIMESTAMP_READ_ENA
BLE
Timestamp Read Enable. Rising edge on
time stamp read enable is detected and
then timestamp counter data is latched. This
stored time stamp data is used for
timestamp status read.
0x0
R/W
0x672
TIMESTAMP_COUNTER_
REG0
[7:0]
TIMESTAMP[7:0]
Time Stamp Counter Value, Bits[7:0].
0x0
R
0x673
TIMESTAMP_COUNTER_
REG1
[7:0]
TIMESTAMP[15:8]
Time Stamp Counter Value, Bits[15:8].
0x0
R
0x674
TIMESTAMP_COUNTER_
REG2
[7:0]
TIMESTAMP[23:16]
Time Stamp Counter Value, Bits[23:16].
0x0
R
0x675
TIMESTAMP_COUNTER_
REG3
[7:0]
TIMESTAMP[31:24]
Time Stamp Counter Value, Bits[31:24].
0x0
R
0x676
TIMESTAMP_COUNTER_
REG4
[7:0]
TIMESTAMP[39:32]
Time Stamp Counter Value, Bits[39:32].
0x0
R
0x677
TIMESTAMP_COUNTER_
REG5
[7:0]
TIMESTAMP[47:40]
Time Stamp Counter Value, Bits[47:40].
0x0
R
0x678
TIMESTAMP_COUNTER_
REG6
[7:0]
TIMESTAMP[55:48]
Time Stamp Counter Value, Bits[55:48].
0x0
R
0x679
TIMESTAMP_COUNTER_
REG7
[7:0]
TIMESTAMP[63:56]
Time Stamp Counter Value, Bits[63:56].
0x0
R
0x681
JTX_CLK
[7:5]
Reserved
Reserved.
0x0
R
4
JTX_CLK_EN
JTx Clock Enable Selection.
0x0
R/W
0 DDC and JTx clocks disabled.
1 DDC and JTx clocks enabled.
[3:0]
Reserved
Reserved.
0x0
R
0x690
SYSREF_DELAY
[7:0]
SYSREF_PROGDELAY
Programmable Delay on SYSREF_x Path to
DDC NCO. 8-bit delay in terms of sampling
clock.
0x0
R/W
0x691
TRIG_DELAY
[7:0]
TRIG_PROGDELAY
Programmable Delay on TRIG_x Path to
DDC NCO. 8-bit delay in terms of sampling
clock.
0x0
R/W
0x692
TIMESTAMP_DELAY
[7:0]
TIMESTAMP_PROGDELAY
Programmable Delay on Time Stamp Path in
DFORMAT. 8-bit delay in terms of sampling
clock.
0x0
R/W
0x693
SYSREF_RESYNC
[7:1]
Reserved
Reserved.
0x0
R
0
SYSREF_RESYNC
SYSREF_x Resynchronization Mode Enable.
SYSREF_x timestamp mode is for Subclass 0
operation. All Subclass 1 operation for
deterministic latency must set to Bit 0 = 1
(SYSREF_x resynchronization mode
enabled).
0x0
R/W
0 SYSREF_x timestamp mode enabled.
1 SYSREF_x resynchronization mode enabled.
0x1507
RESET_CTRL
[7:5]
Reserved
Reserved.
0x2
R
4
RESET_JTX
Reset JTx Block.
0x0
R/W
3
Reserved
Reserved.
0x0
R/W
2
RESET_DPATH
Reset Datapath. Apply to main digital.
0x0
R/W
1
RESET_DIG_ANA
Reset Digital Blocks and Registers in the
Analog Section.
0x0
R/W
0
RESET_ANA
Reset Analog Section.
0x0
R/W
0x1508
SYSREF_CTRL
[7:2]
Reserved
Reserved.
0x0
R
1
SYSREF_TRANSITION_SEL
SYSREF_x Transition Selection.
0x0
R/W
0 SYSREF_x is valid on low to high transitions
using selected CLK_x edge.
1 SYSREF is valid on high to low transitions
using selected CLK_x edge.
0
SYSREF_EDGE_SEL
SYSREF_x Capture Edge Selection.
0x0
R/W
0 Captured on rising edge of CLK_x input.
1 Captured on falling edge of CLK_x input.
0x1509
SYSREF_STATUS
[7:4]
SYSREF_HOLD_STATUS
Gives Status of Hold Capture Window.
0xF
R
[3:0]
SYSREF_SETUP_STATUS
Gives Status of Setup Capture Window.
0x8
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com