Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 104 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 104 Page - Analog Devices

Back Button AD9213 Datasheet HTML 100Page - Analog Devices AD9213 Datasheet HTML 101Page - Analog Devices AD9213 Datasheet HTML 102Page - Analog Devices AD9213 Datasheet HTML 103Page - Analog Devices AD9213 Datasheet HTML 104Page - Analog Devices AD9213 Datasheet HTML 105Page - Analog Devices AD9213 Datasheet HTML 106Page - Analog Devices AD9213 Datasheet HTML 107Page - Analog Devices AD9213 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 104 of 110
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
0x151B
SPI_NVG1
[7:3]
Reserved
Reserved.
0x0
R
[2:1]
SPI_EN_SUM_NVG_1P0
There are several NVG loops that control the
enabled loops enabled, which can improve
the efficiency at nominal mode. When input
buffer is at high performance mode, the
binary value is 11, and at nominal mode,
it is 10.
0x2
R/W
0
SPI_EN_NVG_1P0
Negative 1 V Generator Enable Bit.
0x1
R/W
0 Power down.
1Enable.
0x151D
CLOCK_DETECT_CTRL
[7:2]
Reserved
Reserved.
0x0
R
1
CLOCK_DETECT_DIS_
FLAG
Disable Clock Detect Function as a Halt.
0x1
R/W
0Enabled.
1Disabled.
0
CLOCK_DETECT
Status of Clock Detect Locked. This bit
indicates the instantaneous value of the
clock detect circuit.
0x1
R
0Out of lock.
1In lock.
0x151E
MCS_CTRL
[7:4]
Reserved
Reserved.
0x0
R
[3:2]
MCS_TRIG_FREQ_HOP_
MODE
TRIG_x for Frequency Hopping or Enable
When SYSREF_OUT/div8 Counter Used to
Frequency Hop.
0x0
R/W
00 Disable.
01 EDGE_TRIGGERED. The rising edge of the
TRIG_x pin causes a frequency hop on the
NCO. This mode only requires the TRIG_x
buffer to be enabled.
1
MCS_DTLL_LOCK_
DETECT
MCS Lock Status for Continuous SYSREF_x
Modes. Asserted when lock is achieved.
0x0
R
0
Reserved
Reserved.
0x0
R/W
0x1521
MCS_SYSREF_IGNORE_
COUNT
[7:0]
MCS_SYSREF_IGNORE_
COUNT
Number of SYSREF_x Pulses to Ignore at
Startup.
0x0
R/W
0x1523
GPIO_PDEB
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
GPIO_PDEB
GPIO Pull Down Active Low.
0x1F
R/W
0x1600
USER_CTRL_TRANSFER
[7:1]
Reserved
Reserved.
0x0
R
0
USER_CTRL_TRANSFER
Use Control Transfer Bit. If set to 1, apply
latest settings for Register 0x1601 to
Register 0x1636. Self clearing.
0x0
R/W
0x1601
CAL_CONTROL
[7:1]
Reserved
Reserved.
0x0
R
0
CAL_FREEZE
Freeze Bit to Halt Background Calibrations.
0x0
R/W
0x1602
CLOCK_RATE
[7:3]
Reserved
Reserved.
0x0
R
[2:0]
CLOCK_RATE
User to Specify Operating Clock Rate for
Calibration Adaptation. Support for up to
four clock rates (user selectable).
0x0
R/W
0Clock Rate 0.
1Clock Rate 1.
10 Clock Rate 2.
11 Clock Rate 3.
0x1606
GPIO_CONTROL
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
GPIO_PROFILE
Define GPIO Profile to Use.
0x0
R/W
0 Disabled. GPIO profiles disabled.
1GPIO[4] = FREEZE_CAL
GPIO[3:0] = Profile[3:0]
10 FREEZE_CAL disabled
GPIO[3:0] = Profile[3:0]
0x1609
MAX_TEMPERATURE_LSB [7:0]
MAX_TEMPERATURE[7:0]
Maximum Temperature of All Temperature
Sensors. Q9.7 format. See
TMU section.
0x0
R
0x160A
MAX_TEMPERATURE_
MSB
[7:0]
MAX_TEMPERATURE[15:8]
Maximum Temperature of All Temperature
Sensors. Q9.7 format.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com