Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 102 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9213 Datasheet HTML 98Page - Analog Devices AD9213 Datasheet HTML 99Page - Analog Devices AD9213 Datasheet HTML 100Page - Analog Devices AD9213 Datasheet HTML 101Page - Analog Devices AD9213 Datasheet HTML 102Page - Analog Devices AD9213 Datasheet HTML 103Page - Analog Devices AD9213 Datasheet HTML 104Page - Analog Devices AD9213 Datasheet HTML 105Page - Analog Devices AD9213 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 102 of 110
Address
Register Name
Bits
Bit Name
Settings
Description
Default
Access
0x150A
LVDS_SEL
[7:2]
Reserved
Reserved.
0x0
R
1
TRIG_RX_LVDS_SEL
Switch Between LVDS and Differential
CMOS Input Modes for TRIG_x.
0x0
R/W
0 Differential CMOS selected.
1 LVDS selected.
0
SYSREF_RX_LVDS_SEL
Switch between LVDS and Differential
CMOS Input Modes for SYSREF_x.
0x0
R/W
0 Differential CMOS selected
1 LVDS selected
0x150C
SPI_EN_DCS
[7:1]
Reserved
Reserved.
0x0
R
0
SPI_EN_DCS
Duty Cycle Stabilizer.
0x0
R/W
0Disable.
1Enable.
0x150D
SPI_EN_FDLY
[7:2]
Reserved
Reserved.
0x0
R
1
SPI_EN_SFDLY
Super Fine Delay Cell enable bit.
0x0
R/W
0Disabled.
1 Enabled (along with half fine delay cell).
0
SPI_EN_FDLY
Fine Delay Cell Enable Bit. Two halves fine
delay cells in series. Each has 24 steps
adjustments.
0x0
R/W
0Disabled.
1 Enabled (two halves fine delay cells).
0x150E
SPI_TRM_FINE_DLY
[7:0]
SPI_TRM_FINE_DLY
Clock Fine Adjustment. This is an unsigned
control to adjust sampling clock skew in
1.1 ps per step with 48 total steps. These bits
are used only when Register 0x150D, Bit 1 or
Bit 0 are set to 1. Minimum delay = 0,
maximum delay = 48.
0x0
R/W
0x150F
SPI_TRM_SUPER_FINE_
DLY
[7:0]
SPI_TRM_SUPER_
FINE_DLY
Clock Super Fine Delay Adjustment. This is
an unsigned control to adjust sampling clock
skew in 16 fS/step with 255 total steps. These
bits are only used when Register 0x150D,
Bit 1 = 1, Register 0x1510, Bit 0 = 0.
Minimum delay = 0, maximum delay = 255.
0x0
R/W
0x1510
SPI_SFDC_BYPASS
[7:1]
Reserved
Reserved.
0x0
R
0
SPI_SFDC_BYPASS
Super Fine Delay Cell Bypassed. This bit
works in conjunction with SPI_EN_SFDLY
bit. When SPI_EN_SFDLY = 0, SPI_SFDC_
BYPASS = 0 or 1 (don't care). When SPI_EN_
SFDLY = 1, SPI_SFDC_BYPASS = 1 super fine
delay cell bypassed.
0x0
R/W
0x1511
BKEND_TOP_GAIN_ADJ
[7:1]
Reserved
Reserved.
0x0
R
0
GAIN_2X
Setting this Bit to 1 Doubles the Data at the
Output.
0x0
R/W
0x1512
SUPPLY_MON1
[7:6]
Reserved
Reserved.
0x0
R
5
SUPMON_VTTPHY_
SER_0P9
1 V Supply Monitor for SERDES.
0x1
R
4
SUPMON_VDDSYNTH_
LCPLL_0P9
1 V Supply Monitor for JESD204B
Synthesizer.
0x1
R
3
SUPMON_VDDD_
LCPLL_0P9
1 V Digital Supply Monitor for JESD PLL.
0x1
R
2
SUPMON_VDDA_
REFADC_1P0
1 V Analog Supply Monitor for Reference
ADC.
0x1
R
1
SUPMON_VDDA_
CLK_1P0
1 V Analog Supply Monitor for Clock.
0x1
R
0
SUPMON_VDDA_1P0
1 V Analog Supply Monitor.
0x1
R
0x1513
SUPPLY_MON2
[7:5]
Reserved
Reserved.
0x0
R
4
SUPMON_VDDA_
TMU_1P8
2 V Analog Supply Monitor for TMU.
0x1
R
3
SUPMON_VDDLDO_
LCPLL_1P8
2 V Supply Monitor for JESD204B LDO.
0x1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com