Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9213 Datasheet HTML 23Page - Analog Devices AD9213 Datasheet HTML 24Page - Analog Devices AD9213 Datasheet HTML 25Page - Analog Devices AD9213 Datasheet HTML 26Page - Analog Devices AD9213 Datasheet HTML 27Page - Analog Devices AD9213 Datasheet HTML 28Page - Analog Devices AD9213 Datasheet HTML 29Page - Analog Devices AD9213 Datasheet HTML 30Page - Analog Devices AD9213 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 27 of 110
EQUIVALENT CIRCUITS
JVTT
DATA_P
DATA_N
SERDOUT_P[x]
x = 0, 1 ...15
SERDOUT_N[x]
x = 0, 1 ...15
JVTT
JGND
JGND
Figure 76. Digital Outputs
BVDD2
VIN_P
VIN_N
BVNN2
AGND
AGND
AGND
50pF
25Ω
25Ω
BVDD2
BVNN2
BVDD2
BVNN2
BVDD2
BVNN2
CLAMP
Figure 77. Analog Inputs
CLKVDD_LF
CLK_P
CLK_N
CLKVDD_LF
AGND
50pF
50Ω
50Ω
CLKVDD_LF
AGND
CLKVDD_LF
AGND
AGND
VCM
16kΩ
16kΩ
AGND
Figure 78. Clock Inputs
TMU_AVDDD2
TMU_REFP
AGND
11Ω
TMU_AVDDD2
TMU_REFN
AGND
11Ω
Figure 79. TMU_REFx Inputs
TDP
TDN
AGND
AGND
Figure 80. TDx Temperature Diodes
SVDD2
400Ω
GPIO[x]/SDIO
44kΩ
SVDD2
C1
I1
OEN1
1C, I, AND OEN ARE INTERNAL NODES AND ARE NOT USER ACCESSIBLE.
GND
GND
Figure 81. GPIO[x] and SDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com