Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9213 Datasheet HTML 6Page - Analog Devices AD9213 Datasheet HTML 7Page - Analog Devices AD9213 Datasheet HTML 8Page - Analog Devices AD9213 Datasheet HTML 9Page - Analog Devices AD9213 Datasheet HTML 10Page - Analog Devices AD9213 Datasheet HTML 11Page - Analog Devices AD9213 Datasheet HTML 12Page - Analog Devices AD9213 Datasheet HTML 13Page - Analog Devices AD9213 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 10 of 110
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Supply Pins
BVDD2 to AGND
2.2 V
BVNN1 to AGND
−1.1 V
AVNN1 to GND
−1.1 V
AVDD to AGND
1.1 V
CLKVDD_LF to AGND
1.1 V
PLLVDD2 to AGND
2.2 V
AVDDFS8 to AVSSFS8
1.1 V
FVDD to AGND
1.1 V
VDD_NVG to VSS_NVG
1.1 V
RVDD2 to AGND
2.2 V
SVDD2 to DGND
2.2 V
DVDD to DGND
1.1 V
JVTT to JGND
1.1 V
JVDD to JGND
1.1 V
JVDD2 to JGND
2.2 V
TMU_AVDD2 to AGND
2.2 V
TMU_DVDD1 to AGND
1.1 V
GND Pins
AVSSFS8 to DGND
−0.3 V to +0.3 V
VSS_NVG to DGND
−0.3 V to +0.3 V
AGND to DGND
−0.3 V to +0.3 V
AGND to JGND
−0.3 V to +0.3 V
DGND to JGND
−0.3 V to +0.3 V
Input/Output Pins
VIN_x to AGND
−0.125 V to AVDD + 0.150 V
CLK_x to AGND
AGND − 0.3 V to
CLKVDD_LF + 0.3 V
CSB, RSTB, PDWN, SCLK, FD,
GPIO[x], SDIO to DGND
DGND − 0.3 V to
SVDD2 + 0.3 V
SYNCINB_x to DGND
DGND − 0.3 V to
DVDD + 0.3 V
SYSREF_x, TRIG_x to AVSSFS8
1.8 V
TMU_REFx to TMU_AGND
AGND − 0.3 V to
TMU_AVDD2 + 0.3 V
VCM to AGND
AGND − 0.3 V to
RVDD2 + 0.3 V
VREF to AGND
AGND − 0.3 V to
RVDD2 + 0.3 V
SERDOUT_x[x] to JGND
JGND − 0.3 V to JVTT + 0.3 V
Storage Temperature, TA
−40°C to +150°C
Operating Junction
Temperature (TJ)
125°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
θJB is the junction to board thermal resistance.
Table 7. Thermal Resistance
Package Type
θJA
θJC
θJB
Unit
BP-192-1
20.5
1.6
9.2
°C/W
1 Thermal resistance values specified are simulated based on JEDEC specs in
compliance with JESD51-12.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com