Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 108 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 108 Page - Analog Devices

Back Button AD9213 Datasheet HTML 102Page - Analog Devices AD9213 Datasheet HTML 103Page - Analog Devices AD9213 Datasheet HTML 104Page - Analog Devices AD9213 Datasheet HTML 105Page - Analog Devices AD9213 Datasheet HTML 106Page - Analog Devices AD9213 Datasheet HTML 107Page - Analog Devices AD9213 Datasheet HTML 108Page - Analog Devices AD9213 Datasheet HTML 109Page - Analog Devices AD9213 Datasheet HTML 110Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 108 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 108 of 110
APPLICATIONS INFORMATION
The following sections contain procedures necessary to
properly operate the AD9213 within a given application.
STARTUP SEQUENCE
To start the device, take the following steps:
1. Power up the AD9213. There is no supply sequencing
requirement. The sample clock can be applied after power
is applied. The sample clock must be applied before the
write to Register 0x26 = 0x08 (see Step 5).
2. Assert a Pin Reset. Take the AD9213 RSTB pin from high
(SVDD2 voltage) to low (0 V), then back to high (SVDD2
voltage).
3. Write Register 0x0 = 0x24 to set the SPI address ascension
mode to increment.
4. Wait 100 ms before performing the next step.
5. Write Register 0x26 = 0x08 to configure the AD9213 to
receive sample clock signal. Sample clock must be applied
before this step is performed.
6. Wait 100 ms before performing the next step.
7. Perform the user specific configuration of DDC, NCO, and
JESD, which varies depending on the required application.
This example is for 16 lane, M = 2, complex decimate by 8,
N = N' = 16, with no NCO configuration.
a) Write Register 0x504, Bit 4 = 1. Set SYNC pin
logic type: 0 = CMOS, 1 = LVDS.
b) Write Register 0x520 = 0x8F. Scrambler on,
L = 16 lanes.
c) Write Register 0x521 = 0x01. Set F = 2.
d) Write Register 0x522 = 0x1F. K = 32 (default).
e) Write Register 0x523 = 0x01. M = 2 (2 virtual
converters, I/Q).
f) Write Register 0x524 = 0xCF. Set N = 16.
g) Write Register 0x525 = 0x0F. N' = 16, Subclass 0
operation.
h) Write Register 0x606 = 0x01. Complex
decimation enabled.
i)
Write Register 0x607 = 0x03. Chip decimate by 8
j)
Write Register 0x630 = 0x00. Bit 4 = 0. Complex
output, Bits[3:2] = 0 NCO enabled (at 0 Hz),
Bit 1 = 0 DDC 0 dB gain.
k) Write Register 0x631 = 0x02. DDC decimate by 8.
8. Write Register 0x681 = 0x10. Enables DDC and JTX
clocks.
9. Write Register 0x570, Bit 0 = 0, powers down JESD204B
PLL
10. Write Register 0x570, Bit 0 = 1. powers up JESD204B PLL
11. Read Register 0x501. Confirm if JESD204B PLL is locked,
Bit 7 = 1 indicates lock.
CHANGING SAMPLE CLOCK FREQUENCY
WITHOUT POWER DOWN
To change the sample clock frequency (encode clock rate)
without powering-down the ADC, take the following steps:
1. Write Register 0x332 = 0x02 to alert the AD9213 that the
user is changing the clock frequency.
2. Read Register 0x1614, Bit 0. Wait for this bit to go high,
which indicates that the user can change the encode clock
rate.
3. Write Register 0x1602 = 0x01. This selects the coefficient
location for Clock Rate 1.
4. Change the frequency of the clock applied to the CLK_P
and CLK_N pins.
a. Change any other necessary parameters due to the
clock frequency change. For example, JESD PLL
divider settings related to clock rate changes.
5. Write Register 0x1614, Bit 1 = 1. This notifies the AD9213
that the sample clock frequency has been changed.
6. Read Register 0x1614, Bit 2. Wait for this bit to go high
which indicates that the change is complete.
The AD9213 now functions at the new sample frequency.
The coefficients from Register 0x1602 = 0x01 are now for the
new, user selected clock frequency. At this point, coefficients are
stored for two clock frequencies: Register 0x1602 = 0x00,
coefficients for Clock Rate 0 (the original sample rate), and
Register 0x1602 = 0x01, coefficients for Clock Rate 1 (the new
sample rate).
To return to the original sample rate (Clock Rate 0), perform
the procedure outlined in this section and set the Register 0x1602
clock rate parameter to Clock Rate 0.
The AD9213 now functions at the selected sample frequency,
and the ADC is ready for operation at Clock Rate 0 within a few
microseconds.
The procedure described in this section can be performed for
four sample clock frequencies, including the original frequency
used by the AD9213 at power-up. The coefficients for different
clock frequencies are accessed by the different writes to
Register 0x1602.
The following are examples of write operations to access the
coefficients for various clock frequencies:
•
Write Register 0x1602 = 0x00. This is the default value and
contains coefficients for the original sample clock
frequency (Clock Rate 0).
•
Write Register 0x1602 = 0x01. This is points to Clock
Rate 1 and contains coefficients for the user selected clock
frequency (Clock Rate 1).
•
Write Register 0x1602 = 0x02. This is points to Clock
Rate 2 and contains coefficients for the user selected clock
frequency (Clock Rate 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com