Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 110 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 110 Page - Analog Devices

Back Button AD9213 Datasheet HTML 102Page - Analog Devices AD9213 Datasheet HTML 103Page - Analog Devices AD9213 Datasheet HTML 104Page - Analog Devices AD9213 Datasheet HTML 105Page - Analog Devices AD9213 Datasheet HTML 106Page - Analog Devices AD9213 Datasheet HTML 107Page - Analog Devices AD9213 Datasheet HTML 108Page - Analog Devices AD9213 Datasheet HTML 109Page - Analog Devices AD9213 Datasheet HTML 110Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 110 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 110 of 110
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-275-GGAB-1.
0.80
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
DETAIL A
12.10
12.00 SQ
11.90
11.80
11.70 SQ
11.60
1.71
1.56
1.41
10.40 REF
SQ
0.80
BSC
0.15 REF
A1 BALL
CORNER
R 1.0
R 0.5~1.5
A1 BALL
CORNER INDICATOR
A
B
C
D
E
F
G
9
10
8
11
12
13
14
7
5
64
2
31
H
J
K
L
M
N
P
8.60 BSC
SQ
0.38
0.34
0.30
0.40
0.35
0.30
0.87 REF
0.50
0.45
0.40
COPLANARITY
0.12
BALL DIAMETER
DETAIL A
SEATING
PLANE
Figure 127. 192-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
(BP-192-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range2
Package Description
Package Option
AD9213BBPZ-6G
−20°C to +115°C
192-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-192-1
AD9213BBPZ-10G
−20°C to +115°C
192-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-192-1
AD9213-6GEBZ
Evaluation Board
AD9213-10GEBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 Specified operating junction temperature (TJ). Startup at TJ = −40°C is guaranteed.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15030-3/20(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com