Electronic Components Datasheet Search
  English  ▼

X  

AD9213 Datasheet(PDF) 109 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 109 Page - Analog Devices

Back Button AD9213 Datasheet HTML 102Page - Analog Devices AD9213 Datasheet HTML 103Page - Analog Devices AD9213 Datasheet HTML 104Page - Analog Devices AD9213 Datasheet HTML 105Page - Analog Devices AD9213 Datasheet HTML 106Page - Analog Devices AD9213 Datasheet HTML 107Page - Analog Devices AD9213 Datasheet HTML 108Page - Analog Devices AD9213 Datasheet HTML 109Page - Analog Devices AD9213 Datasheet HTML 110Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 109 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 109 of 109
Write Register 0x1602 = 0x03. This is points to Clock
Rate 3 and contains coefficients for the user selected clock
frequency (Clock Rate 3).
The coefficients for 10 GSPS are initially stored in all four
locations by default.
The first time a sample clock frequency is used, a few seconds
are required for the coefficients to converge and store as Clock
Rate 0, Clock Rate 1, Clock Rate 2, or Clock Rate 3. In the next
instance a specific clock rate is used with its associated set of
stored coefficients, only a few microseconds are required to
make the change. Note that additional time is required for the
device to perform the SPI writes described in this section.
This procedure must be performed from the beginning if the
AD9213 is powered down.
POWER SUPPLY RECOMMENDATIONS
Several of the AD9213 supply domains can be combined and
powered by the supply configuration shown in Figure 126 if
desired. This is an example configuration for minimizing power
supply components and power domains. This approach can
slightly increase the risk of switching regulator artifacts being
injected into the power supply domains of the ADC. Initial
evaluations using this configuration suggest the noise impact is
minimal and is typically outweighed by its simplicity and use of
fewer power supply components. Use of linear regulators and
isolating specific supply pins can result in less noise.
An effective way to add power supply bypass capacitance to the
AD9213 PCB is to use through vias on the AD9213 BGA power
pads. Use 0201 (0603 Metric), 0.1 μF surface mount capacitors
directly below the BGA footprint on the opposite side of the
board, connecting the supply pins to the adjacent ground pins.
Surface mount solder pads are required to accommodate the
capacitors.
All ground pins can be connected to the same planes and
combined into one domain at the board level
12V
NOTES
1. BYPASS CAPACITORS NOT SHOWN.
VOUT1
1.5V
AVDD
FVDD
VDD_NVG
VOUT2
LTM4644-1
AD9213
VOUT3
VOUT4
BVDD2
RVDD2
PLLVDD2
TMU_AVDD2
BVNN1
AVNN1
BVNN2 INTERNALLY GENERATED
BVDD3
VNEG_OUT
SVDD2
JVDD2
DVDD
CLKVDD_LF
JVDD
JVTT
TMU_DVDD
AVDDFS8
1V
2V
2.5V
1V ANALOG
1V DIGITAL
2V DIGITAL
2V ANALOG
AVNN1, BVNN1
CONNECTED TO
VNEG_OUT
ADP1764
ADP7157
Figure 126. Alternate Simplified Power Supply Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com