Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 27Page - Renesas Technology Corp TW2864D Datasheet HTML 28Page - Renesas Technology Corp TW2864D Datasheet HTML 29Page - Renesas Technology Corp TW2864D Datasheet HTML 30Page - Renesas Technology Corp TW2864D Datasheet HTML 31Page - Renesas Technology Corp TW2864D Datasheet HTML 32Page - Renesas Technology Corp TW2864D Datasheet HTML 33Page - Renesas Technology Corp TW2864D Datasheet HTML 34Page - Renesas Technology Corp TW2864D Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 31 of 110
September 28, 2012
ASYNR pin can be input or output by external Audio clock master in slave mode. ASYNR signal should change per fs
audio sample rate in both master and slave mode.
AUDIO DETECTION
The TW2864 has an audio detector for individual 4 channels. There are 2 kinds of audio detection method defined by
the ADET_MTH. One is the detection of absolute amplitude and the other is of differential amplitude. For both
detection methods, the accumulating period is defined by the ADET_FILT register and the detecting threshold value is
defined by the ADET_TH1 ~ ADET_TH4 registers. The status for audio detection is read by the STATE_AVDET register
and it also makes the interrupt request through the IRQ pin with the combination of the status for video loss
detection.
MULTI-CHIP OPERATION
TW2864 can output 16 channel audio data on ACLKR/ASYNR/ADATR output simultaneously. Therefore, up to 4 chips
should be connected on most Multi-Chip application cases. SMD register selects Audio cascade serial interface mode.
If SMD register is set to 1, IRQ pin is audio cascade serial output and ADATP pin is audio cascade serial input.This is
IRQ cascade mode. If SMD register is set to 2, ALINKI pin is audio cascade serial input and ALINKO pin is audio
cascade serial output mode. It’s ALINK cascade mode. If SMD register is set to 0, ALINKO pin is input.ALINKO pin
default is also input.
Each stage chip can accept 4 analog audio signals so that four cascaded chips through the ADATP and IRQ pin will be
16-channel audio controller. The first stage chip provides 16ch digital serial audio data for record. Even though the
first stage chip has only 1 digital serial audio data pin ADATR for record, the TW2864 can generate 16 channel data
simultaneously using multi-channel method. Also, each stage chip can support 4 channel record outputs that are
corresponding with analog audio inputs. This first stage chip can also output 16 channel mixing audio data by the
digital serial audio data and analog audio signal. The last stage chip accepts the digital serial audio data for playback.
The digital playback data can be converted to analog signal by Digital-to-Analog Converter in the last stage chip.
In Multi-Chip Audio operation mode,one same Oscillator clock source(108MHz or 54MHz) need to be connected to all
CLKI pins.One 27MHz clock source can be connected if needed,too.
Several Master/Slave mode configurations are available.The Fig16-1/Fig16-2/Fig16-3/Fig16-4/Fig16-5/Fig16-6
show all possible
systems of 16 channel audio connection using 4
chips
with
Clock Master
mode(ACLKRMASTER=1).Fig16-7 is the most recommended and demanded system with Clock Master
mode(ACLKRMASTER=1).Fig16-8
is
the
most
recommended
system with
Clock
Slave
Sync
Master
mode(ACLKRMASTER=0,ASYNROEN=0).Fig16-9 is the most recommended system with Clock Slave Sync Slave
mode(ACLKRMASTER=0,ASYNROEN=1) .
If All Clock Sync is required in system,one same RSTB reset# signal needs to be connected to all RSTB pins.If ALINK
cascade mode,in this All Clock Sync system,all ACLKR pins and all ACLKP pins should be connected. Also,all ASYNR
pins and all ASYNP pins should be connected.If IRQ cascade mode, in this All Clock Sync system,all ACLKR pins and
LastStage ACLKP pin should be connected.Also,all ASYNR pins and LastStage ASYNP pin should be connected.
In following each Fig,Mix1-16-Pb1-Pb4 means Mix output of AIN1-16 and Playback1-4.AIN1-16 means one selected
Audio output in AIN1-16.Pb1-Pb4 means one selected Audio output in Playback1-4.Mix1-16-Pb4 means Mix output of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com