Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 37Page - Renesas Technology Corp TW2864D Datasheet HTML 38Page - Renesas Technology Corp TW2864D Datasheet HTML 39Page - Renesas Technology Corp TW2864D Datasheet HTML 40Page - Renesas Technology Corp TW2864D Datasheet HTML 41Page - Renesas Technology Corp TW2864D Datasheet HTML 42Page - Renesas Technology Corp TW2864D Datasheet HTML 43Page - Renesas Technology Corp TW2864D Datasheet HTML 44Page - Renesas Technology Corp TW2864D Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 41 of 110
September 28, 2012
SERIAL AUDIO INTERFACE
There are 3 kinds of digital serial audio interfaces in the TW2864, the first is a recording output, the second is a
mixing output and the third is a playback input. These 3 digital serial audio interfaces follow a standard I2S or DSP
interface, as shown in Figure 25.
MSB
LSB
MSB
LSB
MSB
1/fs
ASYN
ACLK
ADAT
Data 1
Data 2
(a) I2S Format
MSB
LSB
MSB
LSB
MSB
1/fs
ASYN
ACLK
ADAT
Data 1
Data 2
(b) DSP Format
FIGURE 25. TIMING CHART OF SERIAL AUDIO INTERFACE
PLAYBACK INPUT
The serial interface using the ACLKP, ASYNP and ADATP pins accepts the digital serial audio data for the playback
purpose. The ACLKP and ASYNP pins can be operated as master or slave mode. For master mode, these pins work as
output pin and generate the standard audio clock and synchronizing signal. For slave mode, these pins are input
mode and accept the standard audio clock and synchronizing signal. The ADATP pin is always input mode regardless
of operating mode. One of audio data in left or right channel should be selected for playback audio by the PB_LRSEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com