Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 15Page - Renesas Technology Corp TW2864D Datasheet HTML 16Page - Renesas Technology Corp TW2864D Datasheet HTML 17Page - Renesas Technology Corp TW2864D Datasheet HTML 18Page - Renesas Technology Corp TW2864D Datasheet HTML 19Page - Renesas Technology Corp TW2864D Datasheet HTML 20Page - Renesas Technology Corp TW2864D Datasheet HTML 21Page - Renesas Technology Corp TW2864D Datasheet HTML 22Page - Renesas Technology Corp TW2864D Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 19 of 110
September 28, 2012
Video Cropping
Cropping allows only subsection of a video image to be output. The active video region is determined by HDELAY,
HACTIVE, VDELAY and VACTIVE register as illustrated in Fig7.The VACTIVE signal can be programmed to indicate the
number of active lines to be displayed in a video field, and the HACTIVE signal can be programmed to indicate the
number of active pixels to be displayed in a video line. The start of the field or frame in the vertical direction is
indicated by the leading edge of VSYNC. The start of the line in the horizontal direction is indicated by the leading
edge of the HSYNC. The start of the active lines from vertical sync edge is indicated by the VDELAY register. The start
of the active pixels from the horizontal edge is indicated by the HDELAY register. The sizes and location of the active
video are determined by HDELAY, HACTIVE, VDELAY, and VACTIVE registers. These registers are 8-bit wide, the lower
8-bits is, respectively, in HDELAY_LO, HACTIVE_LO, VDELAY_LO, and VACTIVE_LO. Their upper 2-bit shares the same
register CROP_HI.
The Horizontal delay register (HDELAY) determines the number of pixels delay between the leading edge of HSYNC
and the leading edge of the HACTIVE. Note that this value is referenced to the un-scaled pixel number. The Horizontal
active register (HACTIVE) determines the number of active pixels to be output or scaled after the delay from the sync
edge is met. This value is also referenced to the un-scaled pixel number. Therefore, if the scaling ratio is changed, the
active video region used for scaling remain unchanged as set by the HACTIVE register, but the valid pixels output are
equal or reduced due to down scaling. In order for the cropping to work properly, the following equation should be
satisfied.
HDELAY + HACTIVE < Total number of pixels per line.
For NTSC output at 13.5 MHz pixel rate, the total number of pixels is 858.For PAL output at 13.5 MHz rate, the total
number of pixels is 864. HACTIVE should be set to 720.
The Vertical delay register (VDELAY) determines the number of lines delay between the leading edge of the VSYNC
and the start of the active video lines. It indicates number of lines to skip at the start of a frame before asserting the
VACTIVE signal. This value is referenced to the incoming scan lines before the vertical scaling. The number of scan
lines is 525 for the 60Hz systems and 625 for the 50Hz systems. The Vertical active register (VACTIVE) determines
the number of lines to be used in the vertical scaling. Therefore, the number of scan lines output is equal or less than
the value set in this register depending on the vertical scaling ratio. In order for the vertical cropping to work properly,
the following equation should be observed.
VDELAY + VACTIVE < Total number of lines per field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com