Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 89Page - Renesas Technology Corp TW2864D Datasheet HTML 90Page - Renesas Technology Corp TW2864D Datasheet HTML 91Page - Renesas Technology Corp TW2864D Datasheet HTML 92Page - Renesas Technology Corp TW2864D Datasheet HTML 93Page - Renesas Technology Corp TW2864D Datasheet HTML 94Page - Renesas Technology Corp TW2864D Datasheet HTML 95Page - Renesas Technology Corp TW2864D Datasheet HTML 96Page - Renesas Technology Corp TW2864D Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 93 of 110
September 28, 2012
Index
Clock Output Control
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xFA
VSCL_ENA
OE
CLKN_
OEB
CLKP_
OEB
CLKN_MD
CLKP_MD
VSCL_ENA(REV_ID>=1 TW2864 only)
Enable the vertical scaler for 4x CIF time-multiplexed format with 54MHz.
0
Full size for vertical direction (default)
1
Half size for vertical direction
OE
Control the tri-state of output pin
0
Outputs are Tri-state except clock output (CLKPO, CLKNO) pin
(default)
1
Outputs are enabled
CLKN_OEB
Control the tri-state of CLKNO pin
0
Output is enabled (default)
1
Output is Tri-state
CLKP_OEB
Control the tri-state of CLKPO pin
0
Output is enabled (default)
1
Output is Tri-state
CLKN_MD
Control the clock frequency of CLKNO/CLKPO pin
CLKP_MD
0
CLKI Input Freq / 4 Clock for TW2864A/TW2864C(default)
CLKI Input Freq / 2 Clock for TW2864B/TW2864D(default)
1
CLKI Input Freq / 2 Clock for TW2864A/TW2864C
CLKI Input Freq Clock for TW2864B/TW2864D
2
CLKI Input Freq Clock for TW2864A/TW2864B/TW2864C/TW2864D
3
always 0 value
[REV_ID>=1 TW2864 only]
If Single Channel Clock-In mode is selected,
0,1,2 CLKI Input Freq Clock for TW2864A/TW2864B/TW2864C/TW2864D
3
always 0 value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com