Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 67Page - Renesas Technology Corp TW2864D Datasheet HTML 68Page - Renesas Technology Corp TW2864D Datasheet HTML 69Page - Renesas Technology Corp TW2864D Datasheet HTML 70Page - Renesas Technology Corp TW2864D Datasheet HTML 71Page - Renesas Technology Corp TW2864D Datasheet HTML 72Page - Renesas Technology Corp TW2864D Datasheet HTML 73Page - Renesas Technology Corp TW2864D Datasheet HTML 74Page - Renesas Technology Corp TW2864D Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 71 of 110
September 28, 2012
Index
Clock Output Delay Control
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0x9F
CLKN_DEL
CLKP_DEL
*) CLKN_POL/CLKP_POL controls have more better&easy clock margin adjustment.Use CLKN_POL/CLKP_POL at
first normally,especially for 27MHz/54MHz data output application.CLKN_DEL/CLKP_DEL are sometimes required
for 108MHz data output interface. CLKN_DEL/CLKP_DEL are not required for 27MHz/54MHz data output in most
cases.
CLKN_DEL
Control the clock delay of CLKNO pin.
0h/1h/3h/7h/Fh values are effective..The default value is “0”.
[REV_ID=0 TW2864]
1h:about 0.3ns more delay, 3h:about 0.6ns more delay,
7h:about 1.0ns more delay, Fh:about 1.3ns more delay
[REV_ID>=1 TW2864]
1h:about 2ns more delay, 3h:about 4ns more delay,
7h:about 6ns more delay, Fh:about 7ns more delay
CLKP_DEL
Control the clock delay of CLKPO pin.
0h/1h/3h/7h/Fh values are effective. The default value is “0”.
[REV_ID=0 TW2864]
1h:about 0.3ns more delay, 3h:about 0.6ns more delay,
7h:about 1.0ns more delay, Fh:about 1.3ns more delay
[REV_ID>=1 TW2864]
1h:about 2ns more delay, 3h:about 4ns more delay,
7h:about 6ns more delay, Fh:about 7ns more delay
Index
Horizontal Scaler Pre-filter Control
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xA8
HFLT2
HFLT1
0xA9
HFLT4
HFLT3
HFLT
Pre-filter selection for Video CH1/CH2/CH3/CH4 horizontal scaler
If HSCALE[11-8]=1,HFLT [3:0] controls the peaking function.
If HSCALE[11-8]>1,HFLT [2:0] function is bellow.
1** = Bypass
000
=
Auto
selection
based
on
Horizontal
scaling
ratio.
(default)
001
=
Recommended
for
CIF
size
image
010
=
Recommended
for
QCIF
size
image
011 = Recommended for ICON size image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com