Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 72Page - Renesas Technology Corp TW2864D Datasheet HTML 73Page - Renesas Technology Corp TW2864D Datasheet HTML 74Page - Renesas Technology Corp TW2864D Datasheet HTML 75Page - Renesas Technology Corp TW2864D Datasheet HTML 76Page - Renesas Technology Corp TW2864D Datasheet HTML 77Page - Renesas Technology Corp TW2864D Datasheet HTML 78Page - Renesas Technology Corp TW2864D Datasheet HTML 79Page - Renesas Technology Corp TW2864D Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 76 of 110
September 28, 2012
Index
Four Channel CIF Time-multiplxed Format
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xCB
POLMPP4
POLMPP3
POLMPP2
POLMPP1 CIF_54M4 CIF_54M3 CIF_54M2 CIF_54M1
POLMPP
Select MPP1~4 pin output polarity
0
normal (default)
1
inverse polarity
CIF_54M
Enable four channel CIF time-multiplexed format with 54MHz
CIF_54M1~4 stands for CH1 to CH4.
When CHMD4/CHMD3/CHMD2/CHMD1 registers have 0h or 1h,this function is effective on all
Video ports.
When CHMD4/CHMD3/CHMD2/CHMD1 registers have 2h value,all video ports are always four
channel D1 Time-division-multiplexed Format with 108MHz.
0
output format is controlled by CHMD4/CHMD3/CHMD2/CHMD1 registers and it’s not four
channel CIF time-multiplexed format with 54MHz.(default)
1
Four channel CIF time-multiplexed format with 54MHz
[REV_ID=0 TW2864]
CIF_54M4=1;CIF_54M3=1;CIF_54M2=1;CIF_54M1=1;
Bit3-0 must be set to Fh in this mode.
[REV_ID>=1 TW2864]
CIF_54M4=1 : Output this Four channel CIF time-multiplexed format on
VD4[7:0] port.
CIF_54M3=1 : Output this Four channel CIF time-multiplexed format on
VD3[7:0] port.
CIF_54M2=1 : Output this Four channel CIF time-multiplexed format on
VD2[7:0] port.
CIF_54M1=1 : Output this Four channel CIF time-multiplexed format on
VD1[7:0] port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com