Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 90Page - Renesas Technology Corp TW2864D Datasheet HTML 91Page - Renesas Technology Corp TW2864D Datasheet HTML 92Page - Renesas Technology Corp TW2864D Datasheet HTML 93Page - Renesas Technology Corp TW2864D Datasheet HTML 94Page - Renesas Technology Corp TW2864D Datasheet HTML 95Page - Renesas Technology Corp TW2864D Datasheet HTML 96Page - Renesas Technology Corp TW2864D Datasheet HTML 97Page - Renesas Technology Corp TW2864D Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 94 of 110
September 28, 2012
Index
Video and Audio Detection Mode
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xFB
CLKN_POL CLKP_POL
IRQENA
IRQPOL
ADET_MODE
VDET_MODE
CLKN_POL
Polarity inverse control on output CLKNO signal just before CLKNO pin.
0
not inversed. (default)
1
Polarity inverse. good for 27MHz/54MHz clock output.
CLKP_POL
Polarity inverse control on output CLKPO signal just before CLKPO pin.
0
not inversed. good for 27MHz/54MHz clock output.(default)
1
Polarity inverse.
IRQENA
Enable/Disable the interrupt request through the IRQ pin.
0
Disable (default)
1
Enable
IRQPOL
Select the polarity of interrupt request through the IRQ pin.
0
Falling edge requests the interrupt and keeps its state until cleared
(default)
1
Rising edge requests the interrupt and keeps its state until cleared
ADET_MODE
Define the polarity of state register and interrupt request for audio detection.
0
No interrupt request by the audio detection
1
Make the interrupt request rising only when the audio signal comes in
2
Make the interrupt request falling only when the audio signal goes out
3
Make the interrupt request rising and falling when the audio comes in
and goes out (default)
VDET_MODE
Define the polarity of state register and interrupt request for video detection.
0
No interrupt request by the video detection
1
Make the interrupt request rising only when the video signal comes in
2
Make the interrupt request falling only when the video signal goes out
3
Make the interrupt request rising and falling when the video comes in
and goes out (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com