Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 70Page - Renesas Technology Corp TW2864D Datasheet HTML 71Page - Renesas Technology Corp TW2864D Datasheet HTML 72Page - Renesas Technology Corp TW2864D Datasheet HTML 73Page - Renesas Technology Corp TW2864D Datasheet HTML 74Page - Renesas Technology Corp TW2864D Datasheet HTML 75Page - Renesas Technology Corp TW2864D Datasheet HTML 76Page - Renesas Technology Corp TW2864D Datasheet HTML 77Page - Renesas Technology Corp TW2864D Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 74 of 110
September 28, 2012
Index
Audio ADC Digital Input Offset Control
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xB3
AADC4OFS[9:8]
AADC3OFS[9:8]
AADC2OFS[9:8]
AADC1OFS[9:8]
0xB4
AADC1OFS[7:0]
0xB5
AADC2OFS[7:0]
0xB6
AADC3OFS[7:0]
0xB7
AADC4OFS[7:0]
[REV_ID=0 TW2864] These functions don’t exist.These bits are always 0.
[REV_ID>=1 TW2864]
Digital ADC input data offset control.Digital ADC input data is adjusted by
ADJAADCn = AUDnADC + AADCnOFS.
AUDnADC is 2’s formatted Analog Audio ADC output.
AADCnOFS is adjusted offset value by 2’s format.
Index
Analog Audio ADC Digital Output Value
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xB8
AUD4ADC[9:8]
AUD3ADC[9:8]
AUD2ADC[9:8]
AUD1ADC[9:8]
0xB9
AUD1ADC[7:0]
0xBA
AUD2ADC[7:0]
0xBB
AUD3ADC[7:0]
0xBC
AUD4ADC[7:0]
[REV_ID=0 TW2864] These functions don’t exist.These bits are always 0.
[REV_ID>=1 TW2864] These bits are read only.
AUDnADC shows current Analog Audio n ADC Digital Output Value by 2’s fomat.
Index
Adjusted Analog Audio ADC Digital input Value
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xBD
ADJAADC4[9:8]
ADJAADC3[9:8]
ADJAADC2[9:8]
ADJAADC1[9:8]
0xBE
ADJAADC1[7:0]
0xBF
ADJAADC2[7:0]
0xC0
ADJAADC3[7:0]
0xC1
ADJAADC4[7:0]
[REV_ID=0 TW2864] These functions don’t exist.These bits are always 0.
[REV_ID>=1 TW2864] These bits are read only.
ADJAADCn shows current adjusted Audio ADC Digital input data value by 2’s format.These
value show the first input data value in front of Digital Audio Decimation Filtering process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com