Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 64Page - Renesas Technology Corp TW2864D Datasheet HTML 65Page - Renesas Technology Corp TW2864D Datasheet HTML 66Page - Renesas Technology Corp TW2864D Datasheet HTML 67Page - Renesas Technology Corp TW2864D Datasheet HTML 68Page - Renesas Technology Corp TW2864D Datasheet HTML 69Page - Renesas Technology Corp TW2864D Datasheet HTML 70Page - Renesas Technology Corp TW2864D Datasheet HTML 71Page - Renesas Technology Corp TW2864D Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 68 of 110
September 28, 2012
0X97 – CLAMP MODE
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-6
FRM
R/W
Free run mode control
0 = Auto
2 = default to 60Hz
3 = default to 50Hz
0
5-4
YNR
R/W
Y HF noise reduction
0 = None
1 = smallest
2 = small
3 = medium
0
3-2
CLMD
R/W
Clamping mode control.
0 = Sync top
1 = Auto
2 = Pedestal
3 = N/A
1
1-0
PSP
R/W
Slice level control
0 = low
1 = medium
2 = high
1
0X98 – HSLOWCTL
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
Reserved
R/W
0
6-4
HSBEGIN[2:0]
R/W
HSYNC Start position Control Bit2-0.
00
3
Reserved
R/W
0
2-0
HSEND[2:0]
R/W
HSYNC End position Control Bit2-0.
00
0X99 – HSBEGIN
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-0
HSBEGIN[10:3]
R/W
HSYNC Start position Control Bit10-3.
28
0X9A – HSEND
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-0
HSEND[10:3]
R/W
HSYNC End position Control Bit10-3.
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com