Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 78Page - Renesas Technology Corp TW2864D Datasheet HTML 79Page - Renesas Technology Corp TW2864D Datasheet HTML 80Page - Renesas Technology Corp TW2864D Datasheet HTML 81Page - Renesas Technology Corp TW2864D Datasheet HTML 82Page - Renesas Technology Corp TW2864D Datasheet HTML 83Page - Renesas Technology Corp TW2864D Datasheet HTML 84Page - Renesas Technology Corp TW2864D Datasheet HTML 85Page - Renesas Technology Corp TW2864D Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 82 of 110
September 28, 2012
Index
Number of Audio to be Recorded
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xD2
M_RLSWAP RM_SYNC
RM_PBSEL
0
R_ADATM
R_MULTCH
M_RLSWAP
Define the sequence of mixing and playback audio data on the ADATM pin.
If RM_SYNC=0 : I2S format
0
Mixing audio on position 0 and playback audio on position 8
(default)
1
Playback audio on position 0 and mixing audio on position 8
If RM_SYNC=1 : DSP format
0
Mixing audio on position 0 and playback audio on position 1
(default)
1
Playback audio on position 0 and mixing audio on position 1
RM_SYNC
Define the digital serial audio data format for record and mixing audio on the ACLKR, ASYNR,
ADATR and ADATM pin.
0
I2S format (default)
1
DSP format
RM_PBSEL
Select the output PlayBackIn data for the ADATM pin.
0
First Stage PalyBackIn audio (default)
1
Second Stage PalyBackIn audio
2
Third Stage PalyBackIn audio
3
Last Stage PalyBackIn audio
R_ADATM
Select the output mode for the ADATM pin.
0
Digital serial data of mixing audio (default)
1
Digital serial data of record audio
R_MULTCH
Define the number of audio for record on the ADATR pin.
0
2 audios (default)
1
4 audios
2
8 audios
3
16 audios
Number of output data are limited as shown on Sequence of Multi-channel Audio Record
table.Also,each output position data are selected by R_SEQ_0/R_SEQ_1/…/R_SEQ_F registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com