Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 92Page - Renesas Technology Corp TW2864D Datasheet HTML 93Page - Renesas Technology Corp TW2864D Datasheet HTML 94Page - Renesas Technology Corp TW2864D Datasheet HTML 95Page - Renesas Technology Corp TW2864D Datasheet HTML 96Page - Renesas Technology Corp TW2864D Datasheet HTML 97Page - Renesas Technology Corp TW2864D Datasheet HTML 98Page - Renesas Technology Corp TW2864D Datasheet HTML 99Page - Renesas Technology Corp TW2864D Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 96 of 110
September 28, 2012
Index
State of Video and Audio Detection
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xFD
AVDET_STATE
AVDET_STATE
State of Video and Audio detection.
These bit is activated according VDET_MODE and ADET_MODE.
[0] : Video input VIN1.
[1] : Video input VIN2.
[2] : Video input VIN3.
[3] : Video input VIN4.
[4] : Audio input AIN1.
[5] : Audio input AIN2.
[6] : Audio input AIN3.
[7] : Audio input AIN4.
0
Inactivated
1
Activated
Index
Device and Revision ID Flag
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xFE
DEV_ID*[6:5]
0
0
0
TEST
0xFF
DEV_ID*[4:0]
REV_ID*
TEST
Test purpose only. This must be 0 in normal mode. default is 0.
DEV_ID
The TW2864 product ID code.(Read only)
All REV_ID=3’h0 chips have DEV_ID=7’h06.
REV_ID=1/2
108MHz clock-in TW2864A/TW2864C : DEV_ID=7’h0C.
54MHz clock-in TW2864B/TW2864D : DEV_ID=7’h0D.
REV_ID=3
TW2864A : DEV_ID=7’h0C. TW2864B : DEV_ID=7’h0D.
TW2864C : DEV_ID=7’h0E. TW2864D : DEV_ID=7’h0F.
REV_ID
The revision number. (Read only)
REV_ID=3’h0 1st TW2864A/ TW2864B/ TW2864C/ TW2864D
REV_ID=3’h1 2nd TW2864A/ TW2864B/ TW2864C/ TW2864D
REV_ID=3’h2 3rd TW2864A/ TW2864B/ TW2864C/ TW2864D
REV_ID=3’h3 4th TW2864A/ TW2864B/ TW2864C/ TW2864D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com