Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 80Page - Renesas Technology Corp TW2864D Datasheet HTML 81Page - Renesas Technology Corp TW2864D Datasheet HTML 82Page - Renesas Technology Corp TW2864D Datasheet HTML 83Page - Renesas Technology Corp TW2864D Datasheet HTML 84Page - Renesas Technology Corp TW2864D Datasheet HTML 85Page - Renesas Technology Corp TW2864D Datasheet HTML 86Page - Renesas Technology Corp TW2864D Datasheet HTML 87Page - Renesas Technology Corp TW2864D Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 84 of 110
September 28, 2012
Index
Master Control
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xDB
ADACEN
AADCEN PB_MASTER PB_LRSEL PB_SYNC RM_8BIT ASYNROEN
ACLKRMASTER
ADACEN
Audio DAC Function mode
0
Audio DAC function disable(test purpose only)
1
Audio DAC function enable(default)
AADCEN
Audio ADC Function mode
0
Audio ADC function disable(test purpose only)
1
Audio ADC function enable(default)
PB_MASTER
Define the operation mode of the ACLKP and ASYNP pin for playback.
0
All type I2S/DSP Slave mode(ACLKP and ASYNP is input) (default)
1
TW2864 type I2S/DSP Master mode (ACLKP and ASYNP is output)
PB_LRSEL
Select audio data to be used for playback input.
If PB_SYNC=0 I2S format,
0: 1st Left channel audio data (default), 1: 1st Right channel audio data.
If PB_SYNC=1 DSP format,
0 1st input audio data.
1: 2nd input audio data
PB_SYNC
Define the digital serial audio data format for playback audio on the ACLKP, ASYNP and ADATP
pin.
0
I2S format (default)
1
DSP format
RM_8BIT
Define output data format per one word unit on ADATR pin.
0
16bit one word unit output(default)
1
8bit one word unit packed output
ASYNROEN
Define input/output mode on the ASYNR pin.
1
ASYNR pin is input(default)
0
ASYNR pin is output
ACLKRMASTER
Define input/output mode on the ACLKR pin and set up audio 256xfs system processing.
0
ACLKR
pin
is
input.External
256xfs
clock
should
be
connected
to
ACLKR pin.(default)
1
ACLKR pin is output. Internal ACKG generates 256xfs clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com