Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 58Page - Renesas Technology Corp TW2864D Datasheet HTML 59Page - Renesas Technology Corp TW2864D Datasheet HTML 60Page - Renesas Technology Corp TW2864D Datasheet HTML 61Page - Renesas Technology Corp TW2864D Datasheet HTML 62Page - Renesas Technology Corp TW2864D Datasheet HTML 63Page - Renesas Technology Corp TW2864D Datasheet HTML 64Page - Renesas Technology Corp TW2864D Datasheet HTML 65Page - Renesas Technology Corp TW2864D Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 62 of 110
September 28, 2012
0XA4(CH1)/0XA5(CH2)/0XA6(CH3)/0XA7(CH4) – ID DETECTION CONTROL
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-6
IDX
R/W
These two bits indicate which of the four lower 6-bit registers is currently
being controlled. The write sequence is a two steps process unless the
same register is written. A write of {ID,000000} selects one of the four
registers to be written. A subsequent write will actually write into the
register.
0
5-0
NSEN
/
SSEN
/
PSEN
/
WKTH
R/W
IDX = 0 controls the NTSC color carrier detection sensitivity (NSEN).
IDX = 1 controls the SECAM ID detection sensitivity (SSEN).
IDX = 2 controls the PAL ID detection sensitivity (PSEN).
IDX = 3 controls the weak signal detection sensitivity (WKTH).
1A
/
20
/
1C
/
2A
0XC4(CH1)/0XC5(CH2)/0XC6(CH3)/0XC7(CH4) – H MONITOR
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-0
HFREF
R
Horizontal line frequency indicator (Test purpose only)
X
0X80 – SOFTWARE RESET CONTROL REGISTER
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-6
Reserved
R
Reserved
00b
5
AUDIORST
W
A 1 written to this bit resets the Audio portion to its default state but all
register content remains unchanged. This bit is self-resetting.
0
4
VOUTRST
W
A 1 written to this bit resets Video data mux output logic to its default
state but all register content remain unchanged. This bit is self-resetting.
0
3
VDEC4RST
W
A 1 written to this bit resets the Video4 Decoder portion to its default
state but all register content remain unchanged. This bit is self-resetting.
0
2
VDEC3RST
W
A 1 written to this bit resets the Video3 Decoder portion to its default
state but all register content remain unchanged. This bit is self-resetting.
0
1
VDEC2RST
W
A 1 written to this bit resets the Video2 Decoder portion to its default
state but all register content remain unchanged. This bit is self-resetting.
0
0
VDEC1RST
W
A 1 written to this bit resets the Video1 Decoder portion to its default
state but all register content remain unchanged. This bit is self-resetting.
0
0X81 – ANALOG CONTROL REGISTER
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
Reserved
R
Reserved
0
6
IREF
R/W
0
=
Internal
current
reference
1.
1 = Internal current reference increase 30%.
0
5
VREF
R/W
0
=
Internal
voltage
reference.
1 = Internal voltage reference shut down.
0
4
Reserved
R/W
0
=
Normal
operation(must
be
0),
1 = AIGAINTEST
0
3
CLKPDN
R/W
0
=
Normal
clock
operation.
1 = All 4Ch Video Decoder System clock in power down mode, but the
MPU INTERFACE module and output clocks (CLKP and CLKN) are still
active.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com