Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 95Page - Renesas Technology Corp TW2864D Datasheet HTML 96Page - Renesas Technology Corp TW2864D Datasheet HTML 97Page - Renesas Technology Corp TW2864D Datasheet HTML 98Page - Renesas Technology Corp TW2864D Datasheet HTML 99Page - Renesas Technology Corp TW2864D Datasheet HTML 100Page - Renesas Technology Corp TW2864D Datasheet HTML 101Page - Renesas Technology Corp TW2864D Datasheet HTML 102Page - Renesas Technology Corp TW2864D Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 99 of 110
September 28, 2012
Electrical Specifications
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
VDDV (Measured to VSSV)
VDDVM
-0.5
2.3
V
VDDA (Measured to VSSA)
VDDAM
-0.5
2.3
V
VDDI (Measured to VSS)
VDDIM
-0.5
2.3
V
VDDO (Measured to VSS)
VDDOM
-0.5
4.5
V
Digital Input/Output Voltage
-
–0.5
4.5
V
Analog Input Voltage
-
–0.5
2.0
V
Storage Temperature
TS
–65
150
°C
Junction Temperature
TJ
0
125
°C
Reflow Soldering (10-30 Seconds)
TPEAK
255-260
°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
VDDV (Measured to VSSV)
VDDV
1.62
1.8
1.98
V
VDDA (Measured to VSSA)
VDDA
1.62
1.8
1.98
V
VDDI (Measured to VSS)
VDDI
1.62
1.8
1.98
V
VDDO (Measured to VSS)
VDDO
3.0
3.3
3.6
V
Analog Input Voltage (AC Coupling Required)
VAIN
0.5
1.0
1.35
V
Ambient Operating Temperature
TA
-40
85
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com