Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 56Page - Renesas Technology Corp TW2864D Datasheet HTML 57Page - Renesas Technology Corp TW2864D Datasheet HTML 58Page - Renesas Technology Corp TW2864D Datasheet HTML 59Page - Renesas Technology Corp TW2864D Datasheet HTML 60Page - Renesas Technology Corp TW2864D Datasheet HTML 61Page - Renesas Technology Corp TW2864D Datasheet HTML 62Page - Renesas Technology Corp TW2864D Datasheet HTML 63Page - Renesas Technology Corp TW2864D Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 60 of 110
September 28, 2012
0X0D(CH1)/0X1D(CH2)/0X2D(CH3)/0X3D(CH4) – CHIP STATUS II
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
VCR
R
VCR signal indicator.
0
6
WKAIR
R
Weak signal indicator 2.
0
5
WKAIR1
R
Weak signal indicator controlled by WKTH.
0
4
VSTD
R
1 = Standard signal
0 = Non-standard signal
0
3
NINTL
R
1 = Non-interlaced signal
0 = interlaced signal
0
2-0
Reserved
R
Reserved
0h
0X0E(CH1)/0X1E(CH2)/0X2E(CH3)/0X3E(CH4) – STANDARD SELECTION
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
DETSTUS
R
0 = Idle
1 = detection in progress
0
6-4
STDNOW
R
Current standard invoked
0 = NTSC(M)
1 = PAL (B,D,G,H,I)
2 = SECAM
3 = NTSC4.43
4 = PAL (M)
5 = PAL (CN)
6 = PAL 60
7 = Not valid
0
3
ATREG
R/W
1 = Disable the shadow registers.
0 = Enable VACTIVE and HDELAY shadow registers value depending on
standard
0
2-0
STD
R/W
Standard selection
0 = NTSC(M)
1 = PAL (B,D,G,H,I)
2 = SECAM
3 = NTSC4.43
4 = PAL (M)
5 = PAL (CN)
6 = PAL 60
7 = Auto detection
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com