Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 52Page - Renesas Technology Corp TW2864D Datasheet HTML 53Page - Renesas Technology Corp TW2864D Datasheet HTML 54Page - Renesas Technology Corp TW2864D Datasheet HTML 55Page - Renesas Technology Corp TW2864D Datasheet HTML 56Page - Renesas Technology Corp TW2864D Datasheet HTML 57Page - Renesas Technology Corp TW2864D Datasheet HTML 58Page - Renesas Technology Corp TW2864D Datasheet HTML 59Page - Renesas Technology Corp TW2864D Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 56 of 110
September 28, 2012
Address
Mnemonic
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
CH1
CH2
CH3
CH4
0xDB
AMASTER
ADACEN
AADCEN
PB_MASTER
PB_LRSEL
PB_SYNC
RM_8BIT
ASYNROEN
ACLKRMASTER
0xDC
MIX_MUTE
LAWMD
MIX_DERATIO
MIX_MUTE
0xDD
MIX_RATIO21
MIX_RATIO2
MIX_RATIO1
0xDE
MIX_RATIO43
MIX_RATIO4
MIX_RATIO3
0xDF
AOGAIN
AOGAIN
MIX_RATIOP
0xE0
MIX_OUTSEL
VADCCKPOL
AADCCKPOL
ADACCKPOL
MIX_OUTSEL
0xE1
ADET
AAMPMD
ADET_FILT
ADET_TH4[4]
ADET_TH3[4]
ADET_TH2[4]
ADET_TH1[4]
0xE2
ADET_TH21
ADET_TH2[3:0]
ADET_TH1[3:0]
0xE3
ADET_TH43
ADET_TH4[3:0]
ADET_TH3[3:0]
0xF0
ACKI_L
ACKI[7:0]
0xF1
ACKI_M
ACKI[15:8]
0xF2
ACKI_H
0
0
ACKI[21:16]
0xF3
ACKN_L
ACKN[7:0]
0xF4
ACKN_M
ACKN[15:8]
0xF5
ACKN_H
0
0
0
0
0
0
ACKN[17:16]
0xF6
SDIV
0
0
SDIV
0xF7
LRDIV
0
0
LRDIV
0xF8
ACCNTL
0 or APZ
APZ or APG[2]
APG
0
ACPL
SRPH
LRPH
0xF9
VMISC
0 or LIM16
0 or PBREFEN
YCBCR422
HA656MD
VBI_FRAM
CNTL656
VSCL_SYNC
HA_EN
0xFA
CLKOCTL
0 or VSCL_ENA
OE
CLKN_OEB
CLKP_OEB
CLKN_MD
CLKP_MD
0xFB
AVDET_MODE
CLKN_POL
CLKP_POL
IRQENA
IRQPOL
ADET_MODE
VDET_MODE
0xFC
AVDET_ENA
AVDET_ENA
0xFD
AVDET_STATE*
AVDET_STATE
0xFE
TEST
DEV_ID[6:5]* : 0h
0
0
0
TEST
0xFF
DEV_ID*
DEV_ID[4:0] : 6h
REV_ID
Note : * Read only registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com