Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 69Page - Renesas Technology Corp TW2864D Datasheet HTML 70Page - Renesas Technology Corp TW2864D Datasheet HTML 71Page - Renesas Technology Corp TW2864D Datasheet HTML 72Page - Renesas Technology Corp TW2864D Datasheet HTML 73Page - Renesas Technology Corp TW2864D Datasheet HTML 74Page - Renesas Technology Corp TW2864D Datasheet HTML 75Page - Renesas Technology Corp TW2864D Datasheet HTML 76Page - Renesas Technology Corp TW2864D Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 73 of 110
September 28, 2012
Index
CLK Output Current Control
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xB1
0
0
NOVIDMODE
CLKN2OEB CLKN1OEB
CLKP2OEB CLKP1OEB
[REV_ID=0 TW2864] These functions don’t exist.These bits are always 0.
[REV_ID>=1 TW2864 only]
NOVIDMODE
Select NOVID_656 output mode status.When NOVID_656 is set to 1,
NOVID_656 code is being output when following status is active in Video Decoding logic.
0
Video lost(vdloss).(default)
1
No Video(novideo)
2
Video lost or No video(vdloss or novideo)
3
NOVID_656 code is not being output at anytime.
CLKN2OEB
Control 4mA drive current on CLKN output.
0
4mA drive enable.
1
4mA drive disable.(default)
CLKN1OEB
Control 8mA drive current on CLKN output.
0
8mA drive enable. (default)
1
8mA drive disable.
CLKP2OEB
Control 4mA drive current on CLKP output.
0
4mA drive enable.
1
4mA drive disable.(default)
CLKP1OEB
Control 8mA drive current on CLKP output.
0
8mA drive enable. (default)
1
8mA drive disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com